Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90578 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 90578
Description  KK Mini -2.50mm & 2.54mm Modular Interconnection System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

90578 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  90578 Datasheet HTML 1Page - Molex Electronics Ltd. 90578 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KK Mini®
2.50mm & 2.54mm
Modular Interconnection
System
Description
Header
PCB Connector
Housing
Terminal
Style
Vertical, Backwall
Right angle, Backwall
Vertical
Right angle
Right angle
Top entry
Right angle
Crimp housing
Basic
Anti-fishhooking
Circuit Sizes
2 to 20 ckt
2 to 20 ckt
2 to 20 ckt
2 to 20 ckt
2 to 11 ckt
2 to 20 ckt
2 to 20 ckt
Series no.
5045
5046
3022
3094
90578
7534
5051 NM
2759
4809
Material
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon /
Phosphor Bronze
Nylon
Brass
Brass
Packaging
Bag
Bag
Bag
Bag
Bag
Tray
Bag
Bag or reel
Bag or reel
Packaging
Bag
Bag
Bag
Bag
Bag
Tray
Bag
Bag or reel
Bag or reel
Material
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon
Brass
Brass
Series no.
6410
7395
4030
4094
7720S / 7690
4455
6471
2759
4809
Circuit Sizes
2 to 28 ckt
2 to 28 ckt
2 to 28 ckt
2 to 28 ckt
2 to 28 ckt
2 to 25 ckt
2 to 28 ckt
Style
Vertical, Backwall
Right angle, Backwall
Vertical
Right angle
Vertical
Top entry
Bottom entry
Right angle
Crimp housing
Basic
Anti-fishhooking
Description
Header
IDT
PCB Connector
Housing
Terminal
KK MINI 2.50mm
KK MINI 2.54mm


Similar Part No. - 90578

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9057 ETC1-9057 Datasheet
127Kb / 1P
   SHIELDED ADJUSTABLE RF COILS
9057 ETC2-9057 Datasheet
100Kb / 2P
   INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9057 HEYCO-9057 Datasheet
152Kb / 2P
   Snap Rivets
logo
Molex Electronics Ltd.
90571-1101 MOLEX10-90571-1101 Datasheet
294Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 10 Circuits, 0.1 關m Gold (Au)
90571-1102 MOLEX10-90571-1102 Datasheet
294Kb / 4P
   2.54mm (.100) Pitch QF-50??Header, Vertical, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 10 Circuits, 0.76 關m Gold (Au)
More results

Similar Description - 90578

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3192 MOLEX-3192 Datasheet
66Kb / 2P
   KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com