Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDD3220DF-4815-S1.5K-3 Datasheet(PDF) 2 Page - Central Technologies

Part # CTDD3220DF-4815-S1.5K-3
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDD3220DF-4815-S1.5K-3 Datasheet(HTML) 2 Page - Central Technologies

  CTDD3220DF-4815-S1.5K-3 Datasheet HTML 1Page - Central Technologies CTDD3220DF-4815-S1.5K-3 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC/DC Converters
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
CTDD3220DF-S1.5K-3 Package
1
10 11 12
24
15 14 13
Bottom View
Side View
31.80
15.24
2.00
27.94
5.08
9.45
0.50
20.30
4.00
Note: All pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm. (Tolerance:±0.10)
PIN CONNECTIONS
1
10 11 12
24
15 14 13
Bottom View
Pin
1, 24
12, 13
11, 14
10, 15
Function
Vin
GND
+Vo
0V
01.08.07
CTDD3220DF-S1.5K-3 Series
Wide Input Isolated & Regulated
3W Output, Single Output
All the CTDD3220DF-S1.5K-3 Series have been tested according to the following recommended testing circuit before
leaving factory. This series should be tested under load. Never be tested under no load (See figure 1 & 2). If you want
to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low ESR.
However, the capacitance should not be too high. (See table 1). If you want to use the products in high EMI, please choose
our metal package products.
Input Voltage
Range
lp
Input Voltage (V)
++
DC
DC
Vin
GND
Cin
Vout
0V
Cout
Figure 1
Figure 2
Vin
C in
C out
(0+70°C)
C out
(-40+85°C)
5V
&
12V
24V
&
48V
100µF
10µF
100µF
(electrolytic
capacitor)
47µF
(tantalum
capacitor)
External Capacitor Table (table 1)
RECOMMENDED CIRCUIT


Similar Part No. - CTDD3220DF-4815-S1.5K-3

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD3220DF-4815-S1.5K-3M CT-CTDD3220DF-4815-S1.5K-3M Datasheet
277Kb / 2P
   DC/DC Converters
More results

Similar Description - CTDD3220DF-4815-S1.5K-3

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com