Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD-5623T9 Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part # CSD-5623T9
Description  0.56 Inch Dual Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSD-5623T9 Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSD-5623T9 Datasheet HTML 1Page - China Semiconductor Corporation CSD-5623T9 Datasheet HTML 2Page - China Semiconductor Corporation CSD-5623T9 Datasheet HTML 3Page - China Semiconductor Corporation CSD-5623T9 Datasheet HTML 4Page - China Semiconductor Corporation CSD-5623T9 Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
20
-
mcd
IF=10mA
q
-
593
-
nm
IF=20mA
Od
-
590
-
nm
IF=20mA
-
20
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/4
Reverse Current
Dominant Wavelength
A
http://www.csctw.com.tw
Model No CSD-5622/5623T9
PS-ND-08071923
Luminous Intensity Matching Ratio
Peak Emission Wavelength
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth


Similar Part No. - CSD-5623T9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-5623B7 CHINASEMI-CSD-5623B7 Datasheet
171Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5623E CHINASEMI-CSD-5623E Datasheet
175Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5623G CHINASEMI-CSD-5623G Datasheet
173Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5623M9 CHINASEMI-CSD-5623M9 Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5623S CHINASEMI-CSD-5623S Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
More results

Similar Description - CSD-5623T9

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-524M9 CHINASEMI-CSD-524M9 Datasheet
175Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622M9 CHINASEMI-CSD-5622M9 Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622S CHINASEMI-CSD-5622S Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622A9 CHINASEMI-CSD-5622A9 Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-524B7 CHINASEMI-CSD-524B7 Datasheet
171Kb / 5P
   0.56 Inch Dual Digits Display
CSD-524G CHINASEMI-CSD-524G Datasheet
172Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622B7 CHINASEMI-CSD-5622B7 Datasheet
171Kb / 5P
   0.56 Inch Dual Digits Display
CSD-524V9 CHINASEMI-CSD-524V9 Datasheet
170Kb / 5P
   0.56 Inch Dual Digits Display
CSD-524A9 CHINASEMI-CSD-524A9 Datasheet
175Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622G CHINASEMI-CSD-5622G Datasheet
173Kb / 5P
   0.56 Inch Dual Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com