Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD-5622B7 Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part # CSD-5622B7
Description  0.56 Inch Dual Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSD-5622B7 Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CSD-5622B7 Datasheet HTML 1Page - China Semiconductor Corporation CSD-5622B7 Datasheet HTML 2Page - China Semiconductor Corporation CSD-5622B7 Datasheet HTML 3Page - China Semiconductor Corporation CSD-5622B7 Datasheet HTML 4Page - China Semiconductor Corporation CSD-5622B7 Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.56 inch (14.2mm) dight height.
3. RoHs compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/4
Part No.
Common Anode
Description
CSD-5622B7
2. Case mold type.
Model No CSD-5622/5623B7
InGaN
Super Bright Blue
Material
http://www.csctw.com.tw
PS-ND-08071926
A
Emitted Color
Chip
CSD-5623B7
InGaN
Super Bright Blue
Common Cathode


Similar Part No. - CSD-5622B7

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-5622A9 CHINASEMI-CSD-5622A9 Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622E CHINASEMI-CSD-5622E Datasheet
175Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622G CHINASEMI-CSD-5622G Datasheet
173Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622M9 CHINASEMI-CSD-5622M9 Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622S CHINASEMI-CSD-5622S Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
More results

Similar Description - CSD-5622B7

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-524M9 CHINASEMI-CSD-524M9 Datasheet
175Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622M9 CHINASEMI-CSD-5622M9 Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622S CHINASEMI-CSD-5622S Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622T9 CHINASEMI-CSD-5622T9 Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622A9 CHINASEMI-CSD-5622A9 Datasheet
176Kb / 5P
   0.56 Inch Dual Digits Display
CSD-524B7 CHINASEMI-CSD-524B7 Datasheet
171Kb / 5P
   0.56 Inch Dual Digits Display
CSD-524G CHINASEMI-CSD-524G Datasheet
172Kb / 5P
   0.56 Inch Dual Digits Display
CSD-524V9 CHINASEMI-CSD-524V9 Datasheet
170Kb / 5P
   0.56 Inch Dual Digits Display
CSD-524A9 CHINASEMI-CSD-524A9 Datasheet
175Kb / 5P
   0.56 Inch Dual Digits Display
CSD-5622G CHINASEMI-CSD-5622G Datasheet
173Kb / 5P
   0.56 Inch Dual Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com