Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDD3220DF-1212-S1K-1 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDD3220DF-1212-S1K-1
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDD3220DF-1212-S1K-1 Datasheet(HTML) 1 Page - Central Technologies

  CTDD3220DF-1212-S1K-1 Datasheet HTML 1Page - Central Technologies CTDD3220DF-1212-S1K-1 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC Converters
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
SPECIFICATIONS
Vin
Vin
Voltage
Io
Io
Effi.
Part
Nom.
Range
Out
Max.
Min.
Typ.
Number
(VDC)
(VDC)
(VDC)
(mA)
(mA)
(%)
CTDD3220DF-0505-S1K-W75
5
4.75-5.25
5
150
15
69
CTDD3220DF-0509-S1K-1
5
4.75-5.25
9
110
11
70
CTDD3220DF-0512-S1K-1
5
4.75-5.25
12
83
9
71
CTDD3220DF-0515-S1K-1
5
4.75-5.25
15
67
7
72
CTDD3220DF-1205-S1K-W75
12
11.4-12.6
5
150
15
69
CTDD3220DF-1209-S1K-1
12
11.4-12.6
9
110
11
71
CTDD3220DF-1212-S1K-1
12
11.4-12.6
12
83
9
72
CTDD3220DF-1215-S1K-1
12
11.4-12.6
15
67
7
72
CTDD3220DF-2405-S1K-W75
24
22.8-25.2
5
150
15
70
CTDD3220DF-2409-S1K-1
24
22.8-25.2
9
110
11
72
CTDD3220DF-2412-S1K-1
24
22.8-25.2
12
83
9
73
CTDD3220DF-2415-S1K-1
24
22.8-25.2
15
67
7
73
ISOLATION SPECIFICATIONS
Item
Test Condition
MIN
TYP
MAX
Units
Isolation Voltage
Tested for 1 minute
1000
VDC
Isolation Resistance
Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATIONS
Item
Test Condition
MIN
TYP
MAX
Units
Output Power
0.1
1
W
Line regulation
For Vin change of ±5%
0.25
%
Load regulation
10% to 100% full load
1
%
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
0.03
%/°C
Output ripple
20MHz Bandwidth
10
15
mVp-p
Switching frequency
Full load, nominal input
100
KHz
CTDD3220DF-S1K-1 Series
Fixed Input Isolated & Regulated
1W Output, Single Output
Not shown at actual size.
FEATURES
Efficiency: To 73%
Temperature Range: -40°C to +85°C
Isolation: 1KVDC
Package: UL94-V0
Miscellaneous: Single Output. No external component required.
No heat sink required. Industry standard pinout. DIP package style.
Small Footprint. Power Density 0.16W/cm³.
Samples available.
CHARACTERISTICS
Short Circuit Protection: 1 second
Temperature Rise at Full Load: 25°C Max. 15°C Typ.
Cooling: Free air convection
Operating Temperature Range: -40°C to +85°C
Storage Temperature Range: -55°C to +125°C
Lead Temperature: 300°C (1.5mm from case for 10 seconds)
Storage Humidity Range: < 95%
Case Material: Plastic (UL94-V0)
MTBF: >3,500,000 hours
Miscellaneous: RoHS Compliant.
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output unless
otherwise specified.
01.03.07
TYPICAL CHARACTERISTICS
120
80
60
40
20
0
-40
0
40
71 85
120
Ambient Temperature (°C)
100
Safe Operating Area
RoHS
Compliant


Similar Part No. - CTDD3220DF-1212-S1K-1

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD3220DF-1212-S1.5K-3 CT-CTDD3220DF-1212-S1.5K-3 Datasheet
278Kb / 2P
   DC/DC Converters
CTDD3220DF-1212-S1.5K-3M CT-CTDD3220DF-1212-S1.5K-3M Datasheet
277Kb / 2P
   DC/DC Converters
CTDD3220DF-1212-S1.5K-5M CT-CTDD3220DF-1212-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
More results

Similar Description - CTDD3220DF-1212-S1K-1

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com