Electronic Components Datasheet Search |
|
SN74LVCC4245A Datasheet(PDF) 2 Page - Texas Instruments |
|
|
SN74LVCC4245A Datasheet(HTML) 2 Page - Texas Instruments |
2 / 10 page SN74LVCC4245A OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS SCAS584F – NOVEMBER 1996 – REVISED AUGUST 1998 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) DIR OE A1 B1 To Seven Other Channels 2 3 22 21 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCCA and VCCB –0.5 V to 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1): I/O ports (A port) –0.5 V to VCCA + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . I/O ports (B port) –0.5 V to VCCB + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . Except I/O ports –0.5 V to VCCA + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . Output voltage range, VO (see Note 1): (A port) –0.5 V to VCCA + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (B port) –0.5 V to VCCB + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCCA, VCCB, or GND ±100 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DB package 104 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DW package 81 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 120 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. This value is limited to 6 V maximum. 2. The package thermal impedance is calculated in accordance with JESD 51. |
Similar Part No. - SN74LVCC4245A |
|
Similar Description - SN74LVCC4245A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |