Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CSD-822G Datasheet(PDF) 4 Page - China Semiconductor Corporation

Part No. CSD-822G
Description  0.8 Inch Dual Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSD-822G Datasheet(HTML) 4 Page - China Semiconductor Corporation

  CSD-822G Datasheet HTML 1Page - China Semiconductor Corporation CSD-822G Datasheet HTML 2Page - China Semiconductor Corporation CSD-822G Datasheet HTML 3Page - China Semiconductor Corporation CSD-822G Datasheet HTML 4Page - China Semiconductor Corporation CSD-822G Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Electro-optical Characteristics -
(Ta=25 )
Symbol
Min.
Typ.
Max.
Unit
Condition
VF
-
2.1
2.8
V
IF=20mA
Iv
-
4.5
-
mcd
IF=10mA
q
-
570
-
nm
IF=20mA
Od
-
568
-
nm
IF=20mA
-
30
-
nm
IF=20mA
JS
-
-
100
A
VR=5V
IV-m
-
-
2:1
.
IF=10mA
Page
3/4
A
Reverse Current
Dominant Wavelength
http://www.csctw.com.tw
Model No CSD-822/823G
PS-ND-08071936
Luminous Intensity Matching Ratio
Peak Emission Wavelength
Parameter
Forward Voltage Per Segment
Luminous Intensity Per Segment
Spectrum Radiation Bandwidth


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CSD-322B7 0.3 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSD-822A9 0.8 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSD-822B7 0.8 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSD-322G 0.3 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSD-5224E 0.52 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSD-528M9 0.5 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSD-322M9 0.3 Inch Dual Digits Display 1  2  3  4  5  More China Semiconductor Corporation
CSD-5224G 0.52 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSD-528S 0.5 Inch Dual Digits Display 1  2  3  4  5  China Semiconductor Corporation
CSD-322S 0.3 Inch Dual Digits Display 1  2  3  4  5  More China Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn