Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVCC3245A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVCC3245A
Description  OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCC3245A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVCC3245A Datasheet HTML 2Page - Texas Instruments SN74LVCC3245A Datasheet HTML 3Page - Texas Instruments SN74LVCC3245A Datasheet HTML 4Page - Texas Instruments SN74LVCC3245A Datasheet HTML 5Page - Texas Instruments SN74LVCC3245A Datasheet HTML 6Page - Texas Instruments SN74LVCC3245A Datasheet HTML 7Page - Texas Instruments SN74LVCC3245A Datasheet HTML 8Page - Texas Instruments SN74LVCC3245A Datasheet HTML 9Page - Texas Instruments SN74LVCC3245A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
Power-Up Considerations(1)
SN74LVCC3245A
OCTAL BUS TRANSCEIVER
WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
SCAS585O – NOVEMBER 1996 – REVISED MARCH 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1 through Figure 4)
VCCA = 2.5 V
VCCA = 2.7 V TO
VCCA = 2.7 V TO
± 0.2 V,
3.6 V,
3.6 V,
FROM
TO
VCCB = 3.3 V
VCCB = 5 V
VCCB = 3.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
± 0.5 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
tPHL
1
9.4
1
6
1
7.1
A
B
ns
tPLH
1
9.1
1
5.3
1
7.2
tPHL
1
11.2
1
5.8
1
6.4
B
A
ns
tPLH
1
9.9
1
7
1
7.6
tPZL
1
14.5
1
9.2
1
9.7
OE
A
ns
tPZH
1
12.9
1
9.5
1
9.5
tPZL
1
13
1
8.1
1
9.2
OE
B
ns
tPZH
1
12.8
1
8.4
1
9.9
tPLZ
1
7.1
1
7
1
6.6
OE
A
ns
tPHZ
1
6.9
1
7.8
1
6.9
tPLZ
1
8.8
1
7.3
1
7.5
OE
B
ns
tPHZ
1
8.9
1
7
1
7.9
V
CCA = 3.3 V, VCCB = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Outputs enabled
38
Cpd
Power dissipation capacitance per transceiver
CL = 50,
f = 10 MHz
pF
Outputs disabled
4.5
TI level-translation devices offer an opportunity for successful mixed-voltage signal design. A proper power-up
sequence always should be followed to avoid excessive supply current, bus contention, oscillations, or other
anomalies caused by improperly biased device pins. To guard against such power-up problems, take these
precautions:
1. Connect ground before any supply voltage is applied.
2. Power up the control side of the device (VCCA for all four of these devices).
3. Tie OE to VCCA with a pullup resistor so that it ramps with VCCA.
4. Depending on the direction of the data path, DIR can be high or low. If DIR high is needed (A data to B bus),
ramp it with VCCA. Otherwise, keep DIR low.
(1)
Refer to the TI application report, Texas Instruments Voltage-Level-Translation Devices, literature number SCEA021.
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN74LVC4245A OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74ABTE16246 11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVCA164245 16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
SN74AVCH20T245 20 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS 1  2  3  4  5  More Texas Instruments
IDT74ALVCH374 3.3V CMOS OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS AND BUS-HOLD 1  2  3  4  5  More Integrated Device Technology
FXL2TD245 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1  2  3  4  5  More Fairchild Semiconductor
74LCX373 Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
MM74C240 Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
MC74F657A OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER 3-STATE OUTPUTS 1  2  3  4  5  Motorola, Inc
PI74ALVCH16501 18-Bit Universal Bus Transceiver With 3-State Outputs 1  2  3  4  5  Pericom Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn