Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC823A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC823A
Description  9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC823A Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC823A Datasheet HTML 1Page - Texas Instruments SN74LVC823A Datasheet HTML 2Page - Texas Instruments SN74LVC823A Datasheet HTML 3Page - Texas Instruments SN74LVC823A Datasheet HTML 4Page - Texas Instruments SN74LVC823A Datasheet HTML 5Page - Texas Instruments SN74LVC823A Datasheet HTML 6Page - Texas Instruments SN74LVC823A Datasheet HTML 7Page - Texas Instruments SN74LVC823A Datasheet HTML 8Page - Texas Instruments SN74LVC823A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
DB, DGV, DW, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE
1D
2D
3D
4D
5D
6D
7D
8D
9D
CLR
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
9Q
CLKEN
CLK
DESCRIPTION/ORDERING INFORMATION
SN74LVC823A
9-BIT BUS-INTERFACE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS305I – MARCH 1993 – REVISED FEBRUARY 2005
Operates From 1.65 V to 3.6 V
Inputs Accept Voltages to 5.5 V
Max tpd of 7.9 ns at 3.3 V
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
3.3-V VCC)
Ioff Supports Partial-Power-Down Mode
Operation
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This 9-bit bus-interface flip-flop is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC823A is designed specifically for driving highly capacitive or relatively low-impedance loads. It is
particularly suitable for implementing wider buffer registers, I/O ports, bidirectional bus drivers with parity, and
working registers.
With the clock-enable (CLKEN) input low, the nine D-type edge-triggered flip-flops enter data on the low-to-high
transitions of the clock. Taking CLKEN high disables the clock buffer, latching the outputs. This device has
noninverting data (D) inputs. Taking the clear (CLR) input low causes the nine Q outputs to go low,
independently of the clock.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 25
SN74LVC823ADW
SOIC – DW
LVC823A
Reel of 2000
SN74LVC823ADWR
SOP – NS
Reel of 2000
SN74LVC823ANSR
LVC823A
SSOP – DB
Reel of 2000
SN74LVC823ADBR
LC823A
–40
°C to 85°C
Tube of 60
SN74LVC823APW
TSSOP – PW
Reel of 2000
SN74LVC823APWR
LC823A
Reel of 250
SN74LVC823APWT
TVSOP – DGV
Reel of 2000
SN74LVC823ADGVR
LC823A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC823A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC823A TI-SN74LVC823A Datasheet
469Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823ADBR TI-SN74LVC823ADBR Datasheet
469Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823ADGVR TI-SN74LVC823ADGVR Datasheet
469Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823ADW TI-SN74LVC823ADW Datasheet
469Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823ADWR TI-SN74LVC823ADWR Datasheet
469Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC823A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29823 TI1-SN74BCT29823_11 Datasheet
204Kb / 8P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI-SN74BCT29823 Datasheet
73Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823A TI-SN74LVC823A_08 Datasheet
469Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29821 TI-SN74BCT29821 Datasheet
70Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16823 TI1-SN74ALVCH16823_15 Datasheet
841Kb / 20P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16823 TI-SN74ALVCH16823 Datasheet
137Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI-SN74LVC821A_08 Datasheet
466Kb / 16P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI1-SN74LVC821A_15 Datasheet
629Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI-SN74LVC821A Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com