Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVC4245A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVC4245A
Description  OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC4245A Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC4245A Datasheet HTML 1Page - Texas Instruments SN74LVC4245A Datasheet HTML 2Page - Texas Instruments SN74LVC4245A Datasheet HTML 3Page - Texas Instruments SN74LVC4245A Datasheet HTML 4Page - Texas Instruments SN74LVC4245A Datasheet HTML 5Page - Texas Instruments SN74LVC4245A Datasheet HTML 6Page - Texas Instruments SN74LVC4245A Datasheet HTML 7Page - Texas Instruments SN74LVC4245A Datasheet HTML 8Page - Texas Instruments SN74LVC4245A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
DIR
OE
A1
B1
To Seven Other Channels
2
3
22
21
Absolute Maximum Ratings
(1)
SN74LVC4245A
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER
WITH 3-STATE OUTPUTS
SCAS375H – MARCH 1994 – REVISED MARCH 2005
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range for V
CCA = 4.5 V to 5.5 V (unless otherwise noted)
MIN
MAX
UNIT
VCCA
Supply voltage range
–0.5
6.5
V
A port(2)
–0.5
VCCA + 0.5
VI
Input voltage range
V
Control inputs
–0.5
6
VO
Output voltage range
A port(2)
–0.5
VCCA + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCCA or GND
±100
mA
DB package
63
θ
JA
Package thermal impedance(3)
DW package
46
°C/W
PW package
88
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This value is limited to 6 V maximum.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn