Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74LVC4245A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74LVC4245A
Description  OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74LVC4245A Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
Electrical Characteristics
(1)
Electrical Characteristics
(1)
SN74LVC4245A
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER
WITH 3-STATE OUTPUTS
SCAS375H – MARCH 1994 – REVISED MARCH 2005
over recommended operating free-air temperature range for V
CCA = 4.5 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
MIN TYP(2)
MAX
UNIT
4.5 V
4.3
IOH = –100 µA
5.5 V
5.3
VOH
V
4.5 V
3.7
IOH = –24 mA
5.5 V
4.7
4.5 V
0.2
IOL = 100 µA
5.5 V
0.2
VOL
V
4.5 V
0.55
IOL = 24 mA
5.5 V
0.55
II
Control inputs
VI = VCCA or GND
5.5 V
±1
µA
IOZ(3)
A port
VO = VCCA or GND
5.5 V
±5
µA
ICCA
VI = VCCA or GND,
IO = 0
5.5 V
80
µA
∆I
CCA
(4)
One input at 3.4 V,
Other inputs at VCCA or GND
5.5 V
1.5
mA
Ci
Control inputs
VI = VCCA or GND
Open
5
pF
Cio
A port
VO = VCCA or GND
5 V
11
pF
(1)
VCCB = 2.7 V to 3.6 V
(2)
All typical values are measured at VCC = 5 V, TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or the associated
VCC.
over recommended operating free-air temperature range for V
CCB = 2.7 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCB
MIN TYP(2)
MAX
UNIT
IOH = –100 µA
2.7 V to 3.6 V VCC – 0.2
2.7 V
2.2
VOH
IOH = –12 mA
V
3 V
2.4
IOH = –24 mA
3 V
2
IOL = 100 µA
2.7 V to 3.6 V
0.2
VOL
IOL = 12 mA
2.7 V
0.4
V
IOL = 24 mA
3 V
0.55
IOZ(3)
B port
VO = VCCB or GND
3.6 V
±5
µA
ICCB
VI = VCCB or GND,
IO = 0
3.6 V
50
µA
∆I
CCB
(4)
One input at VCCB – 0.6 V,
Other inputs at VCCB or GND
2.7 V to 3.6 V
0.5
mA
Cio
B port
VO = VCCB or GND
3.3 V
11
pF
(1)
VCCA = 5 V ± 0.5 V
(2)
All typical values are measured at VCC = 3.3 V, TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or the associated
VCC.
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn