Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDD2210S-4812S-2 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDD2210S-4812S-2
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDD2210S-4812S-2 Datasheet(HTML) 1 Page - Central Technologies

  CTDD2210S-4812S-2 Datasheet HTML 1Page - Central Technologies CTDD2210S-4812S-2 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC Converters
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2004 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
SPECIFICATIONS
Iout
Iout
Part
Max.
Min.
Number
Vin Nom.
Input Range
Vout
(mA)
(mA)
Effi(Typ.)
CTDD2210S-0505S-2
5VDC
4.5-9VDC
5VDC
400
40
67%
CTDD2210S-0509S-2
5VDC
4.5-9VDC
9VDC
220
22
69%
CTDD2210S-0512S-2
5VDC
4.5-9VDC
12VDC
165
16
72%
CTDD2210S-0515S-2
5VDC
4.5-9VDC
15VDC
132
13
75%
CTDD2210S-1205S-2
12VDC
9-18VDC
5VDC
400
40
75%
CTDD2210S-1209S-2
12VDC
9-18VDC
9VDC
220
22
75%
CTDD2210S-1212S-2
12VDC
9-18VDC
12VDC
165
16
77%
CTDD2210S-1215S-2
12VDC
9-18VDC
15VDC
132
13
80%
CTDD2210S-1505S-2
15VDC
12-24VDC
5VDC
400
40
75%
CTDD2210S-1509S-2
15VDC
12-24VDC
9VDC
220
22
79%
CTDD2210S-1512S-2
15VDC
12-24VDC
12VDC
164
16
80%
CTDD2210S-1515S-2
15VDC
12-24VDC
15VDC
132
13
81%
CTDD2210S-2405S-2
24VDC
18-36VDC
5VDC
400
40
78%
CTDD2210S-2409S-2
24VDC
18-36VDC
9VDC
220
22
80%
CTDD2210S-2412S-2
24VDC
18-36VDC
12VDC
165
16
83%
CTDD2210S-2415S-2
24VDC
18-36VDC
15VDC
132
13
85%
CTDD2210S-4805S-2
48VDC
36-72VDC
5VDC
400
40
76%
CTDD2210S-4809S-2
48VDC
36-72VDC
9VDC
220
22
81%
CTDD2210S-4812S-2
48VDC
36-72VDC
12VDC
165
16
82%
CTDD2210S-4815S-2
48VDC
36-72VDC
15VDC
132
13
83%
ISOLATION SPECIFICATIONS
Item
Test Condition
MIN
TYP
MAX
Units
Isolation Voltage
Flash tested for 1 minute
1000
VDC
Isolation Resistance
Test at 500VDC
1000
M
OUTPUT SPECIFICATIONS
Item
Test Condition
MIN
TYP
MAX
Units
2W Output Power
0.2
2
W
Output Voltage Accuracy
Refer To Recommended Circuit
±1
±3
%
Load regulation
10% to 100% load
±0.1
±0.2
%
Line Regulation
Input Voltage From Low to High
±0.2
±0.5
%
Temperature drift(Vout)
Refer To Recommended Circuit
0.03
%/°C
Ripple
20Hz-300KHz bandwidth
40
60
mVp-p
Noise
DC-20MHz bandwidth
80
150
mVp-p
Switching Frequency
100% Load, Nominal Input Voltage
80
200
kHz
Switching Frequency
10% Load, Nominal Input Voltage
250
600
kHz
CTDD2210S-S Series
Wide Input Isolated & Regulated
2W Output, Single Output
Not shown at actual size.
FEATURES
Efficiency: To 83%
Temperature Range: -40°C to 85°C
Isolation: 1KVDC
Package: UL94-V0
Miscellaneous: Single Output Voltage. No heatsink required.
Industry standard pinout. Pin compatible with MSB series.
Wide (2:1) Input Range. Custom service available.
Samples available.
CHARACTERISTICS
Output Short Circuit Protection: Continuous
Temperature Rise at Full Load: 30°C Typ.
Cooling: Free air convection
No-Load Power Consumption: 150mW Typ.
Operating Temperature Range: -40°C to +85°C
Storage Temperature Range: -55°C to +125°C
Lead Temperature: 300°C (1.5mm from case for 10 seconds)
Storage Humidity Range: < 95%
Case Material: Plastic (UL94-V0)
MTBF: >1,000,000 hours
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output unless
otherwise specified.
06.29.05
TYPICAL CHARACTERISTICS
120
80
60
40
20
0
-40
0
40
71 85
120
Ambient Temperature (°C)
100
Safe Operating Area
Application Note
Recommended Circuit
All the CTDD2210S-S series have been tested according to the following recommended testing circuit
before leaving factory. This series should be tested under load. Never to be tested under no load. (See
figure 1). If you want to further decrease the input/output ripple, you can increase capacitance properly or
choose capacitors with low ESR. However, the capacitance should not be too high. (Table 2). If you want
to use the products in high EMI, please choose our metal packaged prodcts.


Similar Part No. - CTDD2210S-4812S-2

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD2210SF-0505-D1.5K-2 CT-CTDD2210SF-0505-D1.5K-2 Datasheet
269Kb / 2P
   DC/DC Converters
CTDD2210SF-0505-S1.5K-1 CT-CTDD2210SF-0505-S1.5K-1 Datasheet
275Kb / 2P
   DC/DC Converters
CTDD2210SF-0509-D1.5K-2 CT-CTDD2210SF-0509-D1.5K-2 Datasheet
269Kb / 2P
   DC/DC Converters
CTDD2210SF-0509-S1.5K-1 CT-CTDD2210SF-0509-S1.5K-1 Datasheet
275Kb / 2P
   DC/DC Converters
CTDD2210SF-0512-D1.5K-2 CT-CTDD2210SF-0512-D1.5K-2 Datasheet
269Kb / 2P
   DC/DC Converters
More results

Similar Description - CTDD2210S-4812S-2

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com