Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTDD2210S-0509S-2 Datasheet(PDF) 2 Page - Central Technologies

Part # CTDD2210S-0509S-2
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDD2210S-0509S-2 Datasheet(HTML) 2 Page - Central Technologies

  CTDD2210S-0509S-2 Datasheet HTML 1Page - Central Technologies CTDD2210S-0509S-2 Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC/DC Converters
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT DETAILS
22.00
CTDD2210S-S Package
Side View
2.10
Bottom View
CTDD2210S-S Footprint
12.00
1
1.50
7*2.54=17.78
2.54
Note: All pins on a 2.54mm pitch; all pin diameters are 0.50mm; all dimensions in mm.
9.50
2
6
7 8
1 2
ø1.00+0.15/-0
6
7 8
PIN CONNECTIONS
1
2
6
7
8
Pin
Function
GND
Vin
+Vo
0V
CS
1 2
6
7 8
Note
Input Ground
Input Positive
Output Positive
Output Ground
External cap.
06.29.05
CTDD2210S-S Series
Wide Input Isolated & Unregulated
2W Output, Single Output
FIGURE 1
+Vin
2
6
7
1
DC-DC
Converters
Cin
Cout
Cs
+Vo
Load
0V
GND
CS CAPACITOR TABLE(TABLE 1)
Vout
5V
47uF-100uF
22uF-47uF
CS
9V
12V
15V
EXTERNAL CAPACITOR TABLE(TABLE 2)
Vin
5V
&
12V
100uF
100uF
(electrolytic
capacitor)
47uF
(tantalum
capacitor)
10uF
24V
&
48V
Cin
Cout
(0+70°C)
Cout
(-40+85°C)


Similar Part No. - CTDD2210S-0509S-2

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD2210SF-0505-D1.5K-2 CT-CTDD2210SF-0505-D1.5K-2 Datasheet
269Kb / 2P
   DC/DC Converters
CTDD2210SF-0505-S1.5K-1 CT-CTDD2210SF-0505-S1.5K-1 Datasheet
275Kb / 2P
   DC/DC Converters
CTDD2210SF-0509-D1.5K-2 CT-CTDD2210SF-0509-D1.5K-2 Datasheet
269Kb / 2P
   DC/DC Converters
CTDD2210SF-0509-S1.5K-1 CT-CTDD2210SF-0509-S1.5K-1 Datasheet
275Kb / 2P
   DC/DC Converters
CTDD2210SF-0512-D1.5K-2 CT-CTDD2210SF-0512-D1.5K-2 Datasheet
269Kb / 2P
   DC/DC Converters
More results

Similar Description - CTDD2210S-0509S-2

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com