Electronic Components Datasheet Search |
|
CTDD2010DF-1215-S1K-1 Datasheet(PDF) 1 Page - Central Technologies |
|
CTDD2010DF-1215-S1K-1 Datasheet(HTML) 1 Page - Central Technologies |
1 / 2 page DC/DC Converters ctparts.com Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL SPECIFICATIONS Vin Iout Iout Effi. Part Nom. Input Range Vout Max. Min. Typ. Number (VDC) (VDC) (VDC) (mA) (mA) (%) CTDD2010DF-0505-S1K-W75 5 4.75-5.25 5 150 15 69 CTDD2010DF-0505-S1K-1 5 4.75-5.25 5 200 20 68 CTDD2010DF-0509-S1K-1 5 4.75-5.25 9 111 12 70 CTDD2010DF-0512-S1K-1 5 4.75-5.25 12 83 9 71 CTDD2010DF-0515-S1K-1 5 4.75-5.25 15 67 7 72 CTDD2010DF-1205-S1K-W75 12 11.4-12.6 5 150 15 69 CTDD2010DF-1209-S1K-1 12 11.4-12.6 9 111 12 71 CTDD2010DF-1212-S1K-1 12 11.4-12.6 12 83 9 72 CTDD2010DF-1215-S1K-1 12 11.4-12.6 15 67 7 72 CTDD2010DF-2405-S1K-W75 24 22.8-25.2 5 150 15 70 CTDD2010DF-2409-S1K-1 24 22.8-25.2 9 111 12 72 CTDD2010DF-2412-S1K-1 24 22.8-25.2 12 83 9 73 CTDD2010DF-2415-S1K-1 24 22.8-25.2 15 67 7 73 ISOLATION SPECIFICATIONS Item Test Condition MIN TYP MAX Units Isolation Voltage Tested for 1 minute 1000 VDC Isolation Resistance Test at 500VDC 1000 M Ω OUTPUT SPECIFICATIONS Item Test Condition MIN TYP MAX Units Output Power 0.1 1 W Line regulation For Vin change of ±5% 0.25 % Load regulation 10% to 100% full load 1 % Output voltage accuracy 100% full load ±3 % Temperature drift 100% full load 0.03 %/°C Output ripple & ripple 20Hz-300KHz bandwidth 10 20 mVp-p Switching frequency Full load, nominal input voltage 100 KHz CTDD2010DF-S1K-1 Series Fixed Input Isolated & Regulated 1W Output, Single Output Not shown at actual size. FEATURES Note: 1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 08.24.06 TYPICAL CHARACTERISTICS 120 80 60 40 20 0 -40 0 40 71 85 120 Ambient Temperature (°C) 100 Safe Operating Area RoHS Compliant Efficiency: To 73% Temperature Range: -40°C to 85°C Isolation: 1KVDC Package: UL94-V0 Miscellaneous: Single Output Voltage. Fixed Input Voltage. Regulated Output Voltage. No heat sink required. No external component required. Industry standard pinout. Fully encapsulated. Custom service available. Samples available. Short Circuit Protection: 1 second Temperature Rise at Full Load: 25°C Max. 15°C Typ. Cooling: Free air convection No-Load Power Consumption: 10% nominal power (typ.) Operating Temperature Range: -40°C to +85°C Storage Temperature Range: -55°C to +125°C Lead Temperature: 300°C (1.5mm from case for 10 seconds) Storage Humidity Range: < 95% Case Material: Plastic (UL94-V0) MTBF: >3,500,000 hours Miscellaneous: RoHS Compliant. CHARACTERISTICS |
Similar Part No. - CTDD2010DF-1215-S1K-1 |
|
Similar Description - CTDD2010DF-1215-S1K-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |