Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G14YZPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G14YZPR
Description  SINGLE SCHMITT-TRIGGER INVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G14YZPR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G14YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC1G14YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC1G14YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC1G14YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC1G14YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC1G14YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC1G14YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC1G14YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC1G14YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
A
Y
2
4
A
Y
1
3
SN74LVC1G14
SINGLE SCHMITT-TRIGGER INVERTER
SCES218S – APRIL 1999 – REVISED SEPTEMBER 2005
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74LVC1G14YEAR
0.17-mm Small Bump – YEA
NanoFree™ – WCSP (DSBGA)
SN74LVC1G14YZAR
0.17-mm Small Bump – YZA (Pb-free)
Reel of 3000
_ _ _CF_
NanoStar™ – WCSP (DSBGA)
SN74LVC1G14YEPR
0.23-mm Large Bump – YEP
NanoFree™ – WCSP (DSBGA)
SN74LVC1G14YZPR
0.23-mm Large Bump – YZP (Pb-free)
–40
°C to 85°C
NanoFree™ – WCSP (DSBGA)
_ _ _ _
Reel of 3000
SN74LVC1G14YZVR
0.23-mm Large Bump – YZV (Pb-free)
CF
Reel of 3000
SN74LVC1G14DBVR
SOT (SOT-23) – DBV
C14_
Reel of 250
SN74LVC1G14DBVT
Reel of 3000
SN74LVC1G14DCKR
SOT (SC-70) – DCK
CF_
Reel of 250
SN74LVC1G14DCKT
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1G14DRLR
CF_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YEP, YZA/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one
following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
YZV: The actual top-side marking is on two lines. Line 1 has four characters to denote year, month, day, and assembly/test site. Line 2
has two characters which show the family and function code. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
FUNCTION TABLE
INPUT
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM (POSITIVE LOGIC)
(DBV, DCK, DRL, YEA, YEP, YZA, and YZP Package)
LOGIC DIAGRAM (POSITIVE LOGIC)
(YZV Package)
2


Similar Part No. - SN74LVC1G14YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G14YZPR TI-SN74LVC1G14YZPR Datasheet
740Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14YZPR TI-SN74LVC1G14YZPR Datasheet
780Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74LVC1G14YZPR TI-SN74LVC1G14YZPR Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVC1G14MDCKREP
SN74LVC1G14YZPR TI1-SN74LVC1G14YZPR Datasheet
1Mb / 27P
[Old version datasheet]   SN74LVC1G14 Single Schmitt-Trigger Inverter
SN74LVC1G14YZPR TI1-SN74LVC1G14YZPR Datasheet
1Mb / 33P
[Old version datasheet]   Single Schmitt-Trigger Inverter
More results

Similar Description - SN74LVC1G14YZPR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com