Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W4F900-RD-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # W4F900-RD-10
Description  WIREWOUND TYPE COMMON MODE FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W4F900-RD-10 Datasheet(HTML) 6 Page - Superworld Electronics

  W4F900-RD-10 Datasheet HTML 1Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 2Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 3Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 4Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 5Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 6Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 7Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 8Page - Superworld Electronics W4F900-RD-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
17.06.2008
1. Appearance : No damage.
2. Impedance : within ±25% of initial value.
Humidity Resistance
Thermal Shock
Low Temperature Life Test
High Temperature Life Test
Reliabilty Test
ITEM
Time : 500±12hr.
Humidity : 90 to 95%
Recovery : 4 to 24hrs of recovery under the standard
Time : 500±12hr
Applied current : Rated current
condition after the removal from test chamber.
Conditions of 1 cycle
Temperature : 40±5°C
Total : 10 cycle
Recovery : 4 to 24hrs of recovery under the standard
Conditions of 1 cycle
Temperature : -40±5°C
Time : 500±12hr.
Recovery : 4 to 24hrs of recovery under the standard
Recovery : 4 to 24hrs of recovery under the standard
Step
1
3
4
2
No disconnection or
short circuit.
30±3
-40±3
condition after the removal from test chamber.
Room Temperature
Room Temperature
85±3
Within 3
Within 3
30±3
condition after the removal from test chamber.
condition after the removal from test chamber.
Temperature (°C)
Times (min.)
Temperature : 85±5°C
PERFORMANCE
TEST CONDITION
A period of 2 hours in each of 3 mutually perpendicular
directions (Total 6 hours).
Directions & times : X, Y, Z directions for 2 hours.
Frequency : 10-55-10Hz for 1 min.
defects harmful to the characteristics should
Appearance : Cracking, shipping and any other
Random Vibration Test
not be allowed.
Amplitude : 1.52mm
Impedance: within ±30%
8. RELIABILITY & TEST CONDITION :
WIREWOUND TYPE COMMON MODE FILTER
W4 SERIES


Similar Part No. - W4F900-RD-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W4F900-RD-10 SUPERWORLD-W4F900-RD-10 Datasheet
1Mb / 14P
   Common Mode Filter
More results

Similar Description - W4F900-RD-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W3F900-RD-10 SUPERWORLD-W3F900-RD-10 Datasheet
283Kb / 6P
   WIREWOUND TYPE COMMON MODE FILTER
WAQ7FN110-RB-10 SUPERWORLD-WAQ7FN110-RB-10 Datasheet
420Kb / 6P
   Wirewound Type Common Mode Filter
W2012F500-RD-10 SUPERWORLD-W2012F500-RD-10 Datasheet
428Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W1210F500-RB-10 SUPERWORLD-W1210F500-RB-10 Datasheet
432Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W3NL670-RD-10 SUPERWORLD-W3NL670-RD-10 Datasheet
1Mb / 7P
   WIREWOUND TYPE Common Mode Filter
logo
TOKO, Inc
NT2012 TOKO-NT2012 Datasheet
344Kb / 4P
   WIREWOUND COMMON MODE FILTER
NT2012F TOKO-NT2012F Datasheet
227Kb / 4P
   WIREWOUND COMMON MODE FILTER
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
   Wirewound Type Common Mode Filter (RoHS Compliant)
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
SCM10S ALLIED-SCM10S Datasheet
2Mb / 4P
   SMD Wirewound Common Mode Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com