Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W4F551-RC-10 Datasheet(PDF) 7 Page - Superworld Electronics

Part # W4F551-RC-10
Description  WIREWOUND TYPE COMMON MODE FILTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

W4F551-RC-10 Datasheet(HTML) 7 Page - Superworld Electronics

  W4F551-RC-10 Datasheet HTML 1Page - Superworld Electronics W4F551-RC-10 Datasheet HTML 2Page - Superworld Electronics W4F551-RC-10 Datasheet HTML 3Page - Superworld Electronics W4F551-RC-10 Datasheet HTML 4Page - Superworld Electronics W4F551-RC-10 Datasheet HTML 5Page - Superworld Electronics W4F551-RC-10 Datasheet HTML 6Page - Superworld Electronics W4F551-RC-10 Datasheet HTML 7Page - Superworld Electronics W4F551-RC-10 Datasheet HTML 8Page - Superworld Electronics W4F551-RC-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
17.06.2008
9-1. Recommended PC Board Pattern
9. SOLDERING AND MOUNTING :
1
43
2
3.70
1.90
PC board should be designed so that products are not sufficient
Products shall be positioned in the sideway direction against
the mechanical stress to prevent failure.
under mechanical stress as warping the board.
WIREWOUND TYPE COMMON MODE FILTER
W4 SERIES
Figure 3. Hand Soldering
Gradual Cooling
230
150
Over 1min.
Within 3secs.
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
a soldering iron must be employed the following precautions are recommended.
products, wave soldering of large size products is discouraged. Recommended temperature profile for wave soldering
seen by the circuit when immersed in the molten solder wave, typical at 240°C. Due to the risk of thermal damage to
Wave soldering is perhaps the most rigorous of surface mount soldering processes due to the steep rise in temperature
Recommended temperature profiles for re-flow soldering in Figure 1.
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
9-2.1 Solder Re-flow :
Figure 1. Re-flow Soldering
Over
1min.
Preheating
Over
1min.
(446)
(302)
150
230
Gradual Cooling
Within 10secs.
280
Preheating
Soldering
Soldering
cooling
Natural
f) Limit soldering time to 3 secs.
d) 1.0mm tip diameter (max)
b) 280°C tip temperature (max)
c) Never contact the ceramic with the iron tip
9-2.3 Soldering Iron (Figure 3) :
a) Preheat circuit and products to 150°C.
9-2.2 Solder Wave :
is shown in Figure 2.
Note :
air soldering tools.
9-2. Soldering
Gradual Cooling
Over 2mins.
Within 3secs.
Figure 2. Wave Soldering
cooling
Natural
Soldering
230
150
Preheating
250
Natural
cooling


Similar Part No. - W4F551-RC-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W4F551-RC-10 SUPERWORLD-W4F551-RC-10 Datasheet
1Mb / 14P
   Common Mode Filter
More results

Similar Description - W4F551-RC-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W3F900-RD-10 SUPERWORLD-W3F900-RD-10 Datasheet
283Kb / 6P
   WIREWOUND TYPE COMMON MODE FILTER
WAQ7FN110-RB-10 SUPERWORLD-WAQ7FN110-RB-10 Datasheet
420Kb / 6P
   Wirewound Type Common Mode Filter
W2012F500-RD-10 SUPERWORLD-W2012F500-RD-10 Datasheet
428Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W1210F500-RB-10 SUPERWORLD-W1210F500-RB-10 Datasheet
432Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W3NL670-RD-10 SUPERWORLD-W3NL670-RD-10 Datasheet
1Mb / 7P
   WIREWOUND TYPE Common Mode Filter
logo
TOKO, Inc
NT2012 TOKO-NT2012 Datasheet
344Kb / 4P
   WIREWOUND COMMON MODE FILTER
NT2012F TOKO-NT2012F Datasheet
227Kb / 4P
   WIREWOUND COMMON MODE FILTER
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
   Wirewound Type Common Mode Filter (RoHS Compliant)
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
SCM10S ALLIED-SCM10S Datasheet
2Mb / 4P
   SMD Wirewound Common Mode Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com