Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86112-1000 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 86112-1000
Description  ST Connectors & Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86112-1000 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  86112-1000 Datasheet HTML 1Page - Molex Electronics Ltd. 86112-1000 Datasheet HTML 2Page - Molex Electronics Ltd. 86112-1000 Datasheet HTML 3Page - Molex Electronics Ltd. 86112-1000 Datasheet HTML 4Page - Molex Electronics Ltd. 86112-1000 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Mechanical Dimensions
ST Connectors & Adapters
0.372
BUFFERED FIBER
0.372
9.4
0.098
2.5
0.314
8.0
1.570
39.9
BUFFERED FIBER
ST Connector, 900µm Boot Style, Metal Body
2.420
61.5
0.912
23.2
0.405
10.3
0.098
2.5
0.314
8.0
1.368
34.7
0.196
5.0
0.300
7.6
0.500
12.7
ACROSS
FLATS
0.276
7.0
WASHER
PANEL NUT
PANEL
MAX.THICKNESS
:
0.125
3.2
1.146
29.1
0.374
9.5
0.148
3.8
0.325
8.3
0.440
11.2
(PANEL NUT AND WASHER
NOT SHOWN)
0.312
7.9
0.390
9.9
RECOMMENDED
MOUNTING HOLE
ST Adapter
ST to FC Adapter
LOCK WASHER
PANEL NUT
3/8-24 UNF
0.325
8.3
0.573
14.6
0.868
22.0
0.216
5.5
M8x 0.75 (METRIC)
ADAPTER
PANEL
MAX.THICKNESS:
0.125
3.2
0.433
11.0
0.300
7.6
(WASHER AND PANEL NUT
NOT SHOWN)
.390.003
9.90.08
RECOMMENDED
MOUNTING HOLE
.312.003
7.90.08
ST Connector, 90° Boot Style, Polymer Body
All dimensions in INCHES
mm
ADAPTER


Similar Part No. - 86112-1000

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
86112A KEYSIGHT-86112A Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
86112A-HBW KEYSIGHT-86112A-HBW Datasheet
3Mb / 35P
   Wide-Bandwidth Oscilloscope Mainframe and Modules
More results

Similar Description - 86112-1000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86013-0000 MOLEX-86013-0000 Datasheet
54Kb / 3P
   STII Connectors & Adapters
86053-0000 MOLEX-86053-0000 Datasheet
82Kb / 4P
   FC Connectors & Adapters
logo
Glenair, Inc.
M28840-2716WA GLENAIR-M28840-2716WA Datasheet
92Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
   Metal SC-ST & SC-SC Duplex Adapters
86066-0000 MOLEX-86066-0000 Datasheet
232Kb / 6P
   SC Duplex Connectors & Adapters
86056-5000 MOLEX-86056-5000 Datasheet
1Mb / 4P
   FC/APC Connectors & Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com