Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86066-4300 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 86066-4300
Description  SC Duplex Connectors & Adapters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86066-4300 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  86066-4300 Datasheet HTML 1Page - Molex Electronics Ltd. 86066-4300 Datasheet HTML 2Page - Molex Electronics Ltd. 86066-4300 Datasheet HTML 3Page - Molex Electronics Ltd. 86066-4300 Datasheet HTML 4Page - Molex Electronics Ltd. 86066-4300 Datasheet HTML 5Page - Molex Electronics Ltd. 86066-4300 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SC Duplex Connectors & Adapters
Mechanical Dimensions
SC to ST Duplex Adapter
Flange Mount
SC to SC Duplex Adapter
Snap Mount
All dimensions in INCHES
mm
PANEL THICKNESS: .063 (1.6 mm)
RECOMMENDED
MOUNTING HOLE
.390
9.9
1.040
26.4
1.078
27.4
.098
2.5
2x
.500
12.7
2X
.118
3.0
.370
9.4
.354
9.0
4x
1.020
25.9
1.120
28.4
.079
2.0
.079
2.0
2X
.098
2.5
.118
3.0
1.180
30.0
1.040
26.4
1.366
34.7
1.180
30.0
MOUNTING PATTERN
RECOMMENDED
.390
9.9
.370
9.4
.500
12.7
2x
ø.094
2.4
2x
2x
ø.094
2.4
2x
.276
7.0
1.112
28.2
.354
9.0
2x
.291
7.4
2x
1.020
25.9
.079
2.0
2x


Similar Part No. - 86066-4300

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8606 FILTRAN-8606 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8606 ETC2-8606 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
logo
API Technologies Corp
8606 APITECH-8606 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
TEKTRONIX, INC.
8606 TEKTRONIX-8606 Datasheet
995Kb / 13P
   2606B System SourceMeter SMU Instrument
8606 TEKTRONIX-8606 Datasheet
2Mb / 16P
   2461-EC Graphical Potentiostat
More results

Similar Description - 86066-4300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
   Metal SC-ST & SC-SC Duplex Adapters
logo
Tripp Lite. All Rights ...
N452000 TRIPPLITE-N452000 Datasheet
474Kb / 2P
   Duplex MMF Coupler (SC-SC)
logo
List of Unclassifed Man...
AX103461 ETC2-AX103461 Datasheet
105Kb / 2P
   Modular Connectors - FXU FRAME, SC-DUPLEX, 12F, OM3
AX101941 ETC2-AX101941 Datasheet
99Kb / 3P
   Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
AX101942 ETC2-AX101942 Datasheet
98Kb / 2P
   Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
logo
Pasternack Enterprises,...
PE300008-3 PASTERNACK-PE300008-3 Datasheet
249Kb / 1P
   CABLE ASSEMBLY SC TO SC DUPLEX
logo
Tripp Lite. All Rights ...
N452-000 TRIPPLITE-N452-000 Datasheet
154Kb / 2P
   Duplex MMF / SMF Coupler (SC/SC)
logo
List of Unclassifed Man...
AX101940 ETC2-AX101940 Datasheet
99Kb / 3P
   Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
logo
Pasternack Enterprises,...
PE300008-2 PASTERNACK-PE300008-2 Datasheet
249Kb / 1P
   CABLE ASSEMBLY SC TO SC DUPLEX
PE300109-1 PASTERNACK-PE300109-1 Datasheet
179Kb / 1P
   CABLE ASSEMBLY DUPLEX 10GIG SC-SC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com