Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTCH114F-331L Datasheet(PDF) 1 Page - Central Technologies

Part # CTCH114F-331L
Description  Peaking Coils - Radial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCH114F-331L Datasheet(HTML) 1 Page - Central Technologies

  CTCH114F-331L Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Peaking Coils - Radial
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
02.22.07
SPECIFICATIONS
Parts numbers indicate available inductance tolerance.
L = ±15%, M = ±20%
Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(_Hz)
(
Ω
Ω)
(A)
CTCH114F-6R3M
6.3
2.52M
0.026
4.30
CTCH114F-7R5M
7.5
2.52M
0.029
4.20
CTCH114F-8R8M
8.8
2.52M
0.030
4.10
CTCH114F-100M
10
2.52M
0.033
4.00
CTCH114F-120M
12
2.52M
0.035
3.90
CTCH114F-150M
15
2.52M
0.039
3.70
CTCH114F-180M
18
2.52M
0.047
3.50
CTCH114F-220M
22
2.52M
0.051
3.30
CTCH114F-270M
27
2.52M
0.057
3.10
CTCH114F-330M
33
2.52M
0.064
2.90
CTCH114F-390M
39
2.52M
0.074
2.70
CTCH114F-470M
47
2.52M
0.083
2.50
CTCH114F-560L
56
2.52M
0.104
2.30
CTCH114F-680L
68
2.52M
0.117
2.10
CTCH114F-820L
82
2.52M
0.130
1.90
CTCH114F-101L
100
1.00k
0.143
1.70
CTCH114F-121L
120
1.00k
0.195
1.50
CTCH114F-151L
150
1.00k
0.221
1.40
CTCH114F-181L
180
1.00k
0.260
1.30
CTCH114F-221L
220
1.00k
0.350
1.20
CTCH114F-271L
270
1.00k
0.390
1.10
CTCH114F-331L
330
1.00k
0.520
1.00
CTCH114F-391L
390
1.00k
0.570
0.92
CTCH114F-471L
470
1.00k
0.650
0.84
CTCH114F-561L
560
1.00k
0.790
0.75
CTCH114F-681L
680
1.00k
0.960
0.69
CTCH114F-821L
820
1.00k
1.220
0.62
CTCH114F-102L
1000
1.00k
1.600
0.52
CTCH114F-122L
1200
1.00k
2.200
0.46
CTCH114F-152L
1500
1.00k
2.500
0.41
CTCH114F-182L
1800
1.00k
2.900
0.36
CTCH114F-222L
2200
1.00k
3.200
0.32
CTCH114F-272L
2700
1.00k
3.700
0.29
CTCH114F-332L
3300
1.00k
5.000
0.27
CTCH114F-392L
3900
1.00k
5.600
0.25
CTCH114F-472L
4700
1.00k
7.400
0.23
CTCH114F-562L
5600
1.00k
8.200
0.21
CTCH114F-682L
6800
1.00k
11.900
0.19
CTCH114F-822L
8200
1.00k
14.000
0.17
CTCH114F-103L
10000
1.00k
16.000
0.16
CTCH114F-123L
12000
1.00k
21.000
0.15
CTCH114F-153L
15000
1.00k
24.000
0.14
CTCH114F-183L
18000
1.00k
27.000
0.13
CTCH114F-223L
22000
1.00k
34.000
0.12
CTCH114F-273L
27000
1.00k
39.000
0.11
CTCH114F-333L
33000
1.00k
51.000
0.10
CTCH114F-393L
39000
1.00k
58.000
0.09
CTCH114F Series
From 6.3 µH to 39,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Radial leaded fixed inductor
Applications: High reliability, efficiency and saturation. Ideal for
use as a power choke coil in switching power supply, TV sets,
video appliances, and industrial equipment as well as use as a
peaking coil in filtering applications
Inductance Tolerance: ±15%, ±20%
Testing: Tested on a HP4285A or HP4284A at specified
frequency
Packaging: Bulk packaging
Rated Current: The rated D.C. current indicates the value of
current when the inductance is 10% lower than its initial value at
D.C. superposition or D.C. current when at
Δt=40°C whichever is
lower. (Ta=20°C)
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
AB
ø
C
E
ø
D
Size
A
B
C
D
E
Max.
mm
14.4
5.0±1.0
0.7+0.1,-0.05
10.0±0.5
5.0±0.3
inches
0.57
0.20±0.04
0.027+0.004,-0.002
0.40±0.02
0.20±0.012
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CTCH114F-331L

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCH110F CT-CTCH110F Datasheet
490Kb / 1P
   Peaking Coils - Radial
CTCH110F-100M CT-CTCH110F-100M Datasheet
490Kb / 1P
   Peaking Coils - Radial
CTCH110F-101K CT-CTCH110F-101K Datasheet
490Kb / 1P
   Peaking Coils - Radial
CTCH110F-102K CT-CTCH110F-102K Datasheet
490Kb / 1P
   Peaking Coils - Radial
CTCH110F-120M CT-CTCH110F-120M Datasheet
490Kb / 1P
   Peaking Coils - Radial
More results

Similar Description - CTCH114F-331L

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT187LYF CT-CT187LYF Datasheet
172Kb / 1P
   Peaking Coils - Radial
CTCH106F CT-CTCH106F Datasheet
207Kb / 1P
   Peaking Coils - Radial
CTRL5480F-3 CT-CTRL5480F-3 Datasheet
331Kb / 1P
   Peaking Coils - Radial
CT181LYF CT-CT181LYF Datasheet
165Kb / 1P
   Peaking Coils - Radial
CT262LYF CT-CT262LYF Datasheet
350Kb / 1P
   Peaking Coils - Radial
CTCH108F CT-CTCH108F Datasheet
476Kb / 1P
   Peaking Coils - Radial
CTCH875F CT-CTCH875F Datasheet
472Kb / 1P
   Peaking Coils - Radial
CTRFB1010F CT-CTRFB1010F Datasheet
489Kb / 1P
   Peaking Coils - Radial
CTRFB0810F CT-CTRFB0810F Datasheet
318Kb / 1P
   Peaking Coils - Radial
CT622LYF CT-CT622LYF Datasheet
176Kb / 1P
   Peaking Coils - Radial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com