Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86160-3000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 86160-3000
Description  86065-5000
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86160-3000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  86160-3000 Datasheet HTML 1Page - Molex Electronics Ltd. 86160-3000 Datasheet HTML 2Page - Molex Electronics Ltd. 86160-3000 Datasheet HTML 3Page - Molex Electronics Ltd. 86160-3000 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SC/APC Connectors & Adapters
Connector design: NTT-SC* standard
One-piece body design:
- Minimizes termination time
- Field installable
Precision APC ferrule provides
superior performance:
- Insertion loss < .25 dB typical
- Return loss > 60 dB typical
Standard SC adapters:
- NTT-SC standard
- Zirconia ceramic and phosphor bronze
sleeves
Shuttered adapters:
- Shield against exposure to laser radiation
- Dust cover for unused fiber channels
Features & Benefits
Optical Performance Distribution
Insertion Loss Performance
(SM, APC ferrule, 9/125µm fiber)
Return Loss Performance
(9/125µm fiber measured at 1550mm)
The Molex SC/APC connector combines a Telcordia and IEC tested connector design with a uniquely precise, pre-angled,
pre-radiused, and pre-polished Angled Physical Contact (APC) ferrule. The result is an APC connector with superior insertion
and return loss performance.
Ferrule endface geometry is especially critical in angled fiber optic connectors. For this reason, Molex has developed a
unique polishing process which in addition to putting an 8 degree angle on the ferrules, also provides a 10mm radius. With
this endface geometry, physical contact of the fibers is maintained, ensuring a minimum insertion loss and a maximum return
loss. Combining this pre-polished ferrule with the preassembled 1-piece body design has produced a superior performance
APC connector that is easy to terminate both in the factory and in the field.
A shield against exposure to laser radiation and a barrier to dust contamination are 2 features of a series of shuttered SC
adapters. These adapters are equipped with a spring loaded shutter which automatically closes when a connector is
removed from the adapter. Both the shuttered and the standard SC adapter styles are available with either zirconia ceramic or
phosphor bronze alignment sleeves.
*NTT-SC is a trademark of NTT Advanced Technology Corporation
Applications
Telecommunication networks
CATV networks
0
5
10
15
20
25
30
0
0.04
0.08
0.12
0.16
0.2
0.24
0.28
0.32
0.36
0.4
0.44
Insertion Loss (dB)
0
10
20
30
40
50
60
70
80
90
30
40
50
60
>70
Avg.: 0.25 dB
Std. Dev.: 0.06 dB
MOLEX FIBER OPTICS DIVISION 5224 Katrine Avenue, Downers Grove, IL 60515 / Tel: 800-A1-FIBER or (630) 512-8787 Web: www.molex.com/fiber


Similar Part No. - 86160-3000

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8616 FILTRAN-8616 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8616 ETC2-8616 Datasheet
5Mb / 7P
   Voltage range up to 500 V
logo
API Technologies Corp
8616 APITECH-8616 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
B&K Precision Corporati...
8616 BK-8616 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
Molex Electronics Ltd.
86166-0000 MOLEX-86166-0000 Datasheet
232Kb / 6P
   SC Duplex Connectors & Adapters
More results

Similar Description - 86160-3000

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-5000 ALCOA-99-5000 Datasheet
151Kb / 2P
   99-5000
logo
Winchester Electronics ...
KTK-15 WINCHESTER-KTK-15 Datasheet
127Kb / 1P
   KTH-5000 SERIES
KTK-14 WINCHESTER-KTK-14 Datasheet
127Kb / 1P
   KTH-5000 SERIES
logo
Keysight Technologies
TS-5040 KEYSIGHT-TS-5040 Datasheet
260Kb / 7P
   TS-5000 Family
logo
List of Unclassifed Man...
NEURON5000 ETC2-NEURON5000 Datasheet
3Mb / 8P
   Neuron짰 5000 Processor
logo
Ralston Instruments.
XHGV-5KPSI-M RALSTON-XHGV-5KPSI-M Datasheet
363Kb / 2P
   XHGV (5000 psi / 350 bar) pump, 5000 psi analog gauge
logo
Protek Devices
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
   5000 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
   5000 WATT TVS COMPONENT
logo
NHP Electrical Engineer...
5094-MB NHP-5094-MB Datasheet
498Kb / 1P
   FLEX 5000 MOUNTING BASE
8 June 2023,
5094-RTB3S NHP-5094-RTB3S Datasheet
402Kb / 1P
   FLEX 5000 RTB SPRING
8 June 2023,
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com