Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43602 Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

Part # PE43602
Description  RF Digital Attenuator 6-bit, 31.5dB, DC-5.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43602 Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

Back Button PE43602 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE43602 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Product Specification
PE43602
Page 7 of 11
Document No. 70-0248-05
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Table 11. Parallel and Direct Interface AC
Table 10. Serial Interface AC Characteristics
VDD = 3.3 or 5.0 V, -40° C < TA < 85° C, unless otherwise specified
VDD = 3.3 or 5.0 V, -40° C < TA < 85° C, unless otherwise specified
Figure 15. Serial Timing Diagram
Figure 16. Latched-Parallel/Direct-Parallel Timing Diagram
Symbol
Parameter
Min
Max
Unit
TLEPW
Latch Enable minimum
pulse width
30
-
ns
TDISU
Parallel data setup time
100
-
ns
TDIH
Parallel data hold time
100
-
ns
TPSSU
Parallel/Serial setup time
100
-
ns
TPSIH
Parallel/Serial hold time
100
-
ns
TPD
Digital register delay
(internal)
-
10
ns
TDIPD
Digital register delay
(internal, direct mode only)
-
5
ns
Characteristics
VALID
T
DISU
T
DIH
DI[6:1]
LE
P/S
T
PSSU
T
PSIH
T
LEPW
VALID
DO[6:1]
T
DIPD
T
PD
Symbol Parameter
Min.
Max.
Unit
FCLK
Serial clock frequency
-
10
MHz
TCLKH
Serial clock HIGH time
30
-
ns
TCLKL
Serial clock LOW time
30
-
ns
TLESU
Last serial clock rising edge
setup time to Latch Enable
rising edge
10
-
ns
TLEPW
Latch Enable minimum pulse
width
30
-
ns
TSISU
Serial data setup time
10
-
ns
TSIH
Serial data hold time
10
-
ns
TDISU
Parallel data setup time
100
-
ns
TDIH
Parallel data hold time
100
-
ns
TASU
Address setup time
100
-
ns
TAH
Address hold time
100
-
ns
TPSSU
Parallel/Serial setup time
100
-
ns
TPSH
Parallel/Serial hold time
100
-
ns
TPD
Digital register delay (internal)
-
10
ns
D[0] and D[7] must be set to logic low
Bits can either be set to logic high or logic low
D[0]
D[1]
D[2]
D[3]
D[4]
D[5]
D[7]
T
SISU
T
CLKL
T
LEPW
T
SIH
T
CLKH
SI
CLK
LE
P/S
T
LESU
T
PSSU
T
PSIH
VALID
T
DISU
T
PD
T
DIH
D[6]
DI[6:1]
DO[6:0]


Similar Part No. - PE43602

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43602 PSEMI-PE43602 Datasheet
442Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43602 PEREGRINE-PE43602 Datasheet
442Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43602 PEREGRINE-PE43602_15 Datasheet
442Kb / 11P
   RF Digital Attenuator
More results

Similar Description - PE43602

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0007 MACOM-MAATCC0007 Datasheet
270Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0011 MACOM-MAATCC0011 Datasheet
329Kb / 7P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107_1 Datasheet
262Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAATCC0009 MACOM-MAATCC0009 Datasheet
326Kb / 7P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT65-0107 MACOM-AT65-0107_1 Datasheet
356Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT90-1107 MACOM-AT90-1107_1 Datasheet
664Kb / 6P
   Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 4.0 GHz
AT-107-PIN MACOM-AT-107-PIN Datasheet
184Kb / 4P
   Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 2.0 GHz
AT20-0107 MACOM-AT20-0107_1 Datasheet
248Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0005 MACOM-MAATCC0005 Datasheet
289Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0008 MACOM-MAATCC0008 Datasheet
246Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com