Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86127-0410 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 86127-0410
Description  LC Connectors and Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86127-0410 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  86127-0410 Datasheet HTML 1Page - Molex Electronics Ltd. 86127-0410 Datasheet HTML 2Page - Molex Electronics Ltd. 86127-0410 Datasheet HTML 3Page - Molex Electronics Ltd. 86127-0410 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LC Connectors and Adapters
Mechanical Dimensions
LC Connector, 900µm Boot Style
LC Connector, 1.6mm Boot Style
LC Connector, 90° Boot Style
All dimensions in INCHES
mm


Similar Part No. - 86127-0410

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8612 FILTRAN-8612 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
List of Unclassifed Man...
8612 ETC2-8612 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
8612 ETC2-8612 Datasheet
5Mb / 7P
   Voltage range up to 500 V
logo
API Technologies Corp
8612 APITECH-8612 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
B&K Precision Corporati...
8612 BK-8612 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
More results

Similar Description - 86127-0410

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
   MT-RJ Connectors and Adapters
logo
Bel Fuse Inc.
AQUACONN BEL-AQUACONN Datasheet
3Mb / 7P
   IP68 Waterproof Connectors and Adapters
logo
Molex Electronics Ltd.
106024-3500 MOLEX-106024-3500 Datasheet
314Kb / 3P
   LC Connectors and Adapter
86010-0000 MOLEX-86010-0000 Datasheet
74Kb / 5P
   ST Connectors & Adapters
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86013-0000 MOLEX-86013-0000 Datasheet
54Kb / 3P
   STII Connectors & Adapters
86053-0000 MOLEX-86053-0000 Datasheet
82Kb / 4P
   FC Connectors & Adapters
logo
Glenair, Inc.
M28840-2716WA GLENAIR-M28840-2716WA Datasheet
92Kb / 2P
   EMI Adapters Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com