Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH9279 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AH9279
Description  TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9279 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AH9279 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH9279 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH9279 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH9279 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH9279 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH9279 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH9279 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH9279 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AH9279 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Preliminary Datasheet
TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279
Apr. 2009 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
7
4
6
8
10
12
14
16
18
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Supply Voltage (V)
T
A=25
OC
4
6
8
1012
1416
1820
-50
0
50
100
T
A=25
OC
Supply Voltage (V)
B
OP
B
RP
B
HYS
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Ambient Temperature (
oC)
T
A=25
oC
V
CC=12V
-20
0
20
40
60
80
100
120
200
300
400
500
600
700
800
900
Ambient Temperature (
OC)
V
CC=12V
I
OUT=350mA
Typical Performance Characteristics
Figure 7. Supply Current vs. Supply Voltage
Figure 8. Supply Current vs. Ambient Temperature
Figure 9. BOP/BRP/BHYS vs. Supply Voltage
Figure 10. Saturation Voltage vs. Ambient Temperature


Similar Part No. - AH9279

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279Z4-G1 DIODES-AH9279Z4-G1 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
More results

Similar Description - AH9279

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
BCD Semiconductor Manuf...
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
415Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
Diodes Incorporated
AH9281 DIODES-AH9281 Datasheet
145Kb / 12P
   TWO PHASE DUAL-COIL HIGH VOLTAGE SMART FAN MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AH9280 BCDSEMI-AH9280 Datasheet
410Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280 BCDSEMI-AH9280_11 Datasheet
400Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9281 BCDSEMI-AH9281_11 Datasheet
470Kb / 16P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281Z5-G1 BCDSEMI-AH9281Z5-G1 Datasheet
456Kb / 14P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281 BCDSEMI-AH9281 Datasheet
157Kb / 2P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com