Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86053-5500 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 86053-5500
Description  FC Connectors & Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86053-5500 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  86053-5500 Datasheet HTML 1Page - Molex Electronics Ltd. 86053-5500 Datasheet HTML 2Page - Molex Electronics Ltd. 86053-5500 Datasheet HTML 3Page - Molex Electronics Ltd. 86053-5500 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FC Connectors & Adapters
Order Number
Description
Hole size "D" Cable size
86053-0000
FC connector, MM, zirconia PC+ ferrule
127µm
3.0mm
86053-0300
FC connector, MM, zirconia PC+ ferrule
127µm
2.4mm
86053-0500
FC connector, MM, zirconia PC+ ferrule, buffered fiber
127µm
900µm buffered fiber
86053-3000
FC connector, MM, zirconia PC ferrule, enhanced
128µm
3.0mm
86053-3300
FC connector, MM, zirconia PC ferrule, enhanced
128µm
2.4mm
86053-3500
FC connector, MM, zirconia PC ferrule, buffered fiber, enhanced
128µm
900µm buffered fiber
86053-4000
FC connector, SM, zirconia PC ferrule
125µm
3.0mm
86053-4300
FC connector, SM, zirconia PC ferrule
125µm
2.4mm
86053-4500
FC connector, SM, zirconia PC ferrule, buffered fiber
125µm
900µm buffered fiber
86053-5000
FC connector, SM, zirconia PC ferrule
126µm
3.0mm
86053-5300
FC connector, SM, zirconia PC ferrule
126µm
2.4mm
86053-5500
FC connector, SM, zirconia PC ferrule, buffered fiber
126µm
900µm buffered fiber
86053-5400
FC connector, SM, zirconia PC ferrule, 90º yellow boot
126µm
3.0mm
86053-5600
FC connector, SM, zirconia PC ferrule, 90º yellow boot
126µm
2.4mm
86053-7000
FC connector, SM, zirconia PC ferrule
127µm
3.0mm
86053-7300
FC connector, SM, zirconia PC ferrule
127µm
2.4mm
86053-7500
FC connector, SM, zirconia PC ferrule, buffered fiber
127µm
900µm buffered fiber
86152-0100
FC adapter, zirconia alignment sleeve, square mounting flange style
86152-0200
FC adapter, zirconia alignment sleeve, square mounting flange style, low cost
86156-0100
FC adapter, phosphor bronze alignment sleeve, square mounting flange style
86152-1000
FC adapter, zirconia alignment sleeve, "D" hole mount style
86156-1000
FC adapter, phosphor bronze alignment sleeve, "D" hole mount style
86172-0000
FC to ST adapter, zirconia alignment sleeve, "D" hole mount style
Standard Part Numbers
86001-0100 Rev. 1
USA/30MFO/2000.09
©2000, Molex
Molex reserves the right to make any changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.


Similar Part No. - 86053-5500

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8605 GILWAY-8605 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Christian Bürkert GmbH ...
8605 BURKERT-8605 Datasheet
1Mb / 14P
   Direct-acting 2-way basic proportional valve
02.09.2021
logo
Filtran LTD
8605 FILTRAN-8605 Datasheet
176Kb / 2P
   Chokes Data Communication Circuits
logo
Christian Bürkert GmbH ...
8605 BURKERT-8605 Datasheet
926Kb / 13P
   Direct-acting 2-way standard solenoid control valve
25.10.2023
logo
List of Unclassifed Man...
8605 ETC2-8605 Datasheet
320Kb / 1P
   HOLE PLUGS and BUSHINGS
More results

Similar Description - 86053-5500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86056-5000 MOLEX-86056-5000 Datasheet
1Mb / 4P
   FC/APC Connectors & Adapters
86010-0000 MOLEX-86010-0000 Datasheet
74Kb / 5P
   ST Connectors & Adapters
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
   ESCON Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
   FDDI Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86013-0000 MOLEX-86013-0000 Datasheet
54Kb / 3P
   STII Connectors & Adapters
logo
Glenair, Inc.
M28840-2716WA GLENAIR-M28840-2716WA Datasheet
92Kb / 2P
   EMI Adapters Connectors
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
86066-0000 MOLEX-86066-0000 Datasheet
232Kb / 6P
   SC Duplex Connectors & Adapters
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
   MT-RJ Connectors and Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com