Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB1106200MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # STB1106200MZF
Description  SHIELDED SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STB1106200MZF Datasheet(HTML) 2 Page - Superworld Electronics

  STB1106200MZF Datasheet HTML 1Page - Superworld Electronics STB1106200MZF Datasheet HTML 2Page - Superworld Electronics STB1106200MZF Datasheet HTML 3Page - Superworld Electronics STB1106200MZF Datasheet HTML 4Page - Superworld Electronics STB1106200MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5. MATERIALS :
(a) Core : Iron Core
(b) Base : Phenolic
(c) Wire : Enamelled Copper Wire
(d) Adhesive : Epoxy
SUPERWORLD ELECTRONICS (S) PTE LTD
4. GENERAL SPECIFICATION :
d) Hi-Pot test ( N-N ) : 500VAC 60Hz 1mA 1sec
c) Resistance to solder heat : 260°C. 10secs
b) Operating temp. : -40°C to +85°C
a) Storage temp. : -40°C to +125°C
SHIELDED SMD POWER INDUCTORS
STB1106 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
09.05.2008
(e) Ink : Bon Margue
d
e
a
b
c
6. ELECTRICAL CHARACTERISTICS :
(
)
( µH )
( µH )
( µH )
Frequency
Frequency
( A )
( A )
(
)
( µH )
Part No.
0.25V/100K
0.25V/100K
( Hz )
STB1106150MZF
STB1106500MZF
STB1106680MZF
STB1106101MZF
* Turns Ratio : 1 : 1
STB1106330MZF
STB1106250MZF
STB1106200MZF
STB11062R2MZF
STB11064R9MZF
STB11067R6MZF
STB1106100MZF
STB11061R2MZF
STB1106R85MZF
STB1106R54MZF
0.54
0.85
±20%
Min.
0.339
59.98
0.80
1.221
196.38
0.41
396.58
275.40
2.162
0.31
1.445
0.38
99.14
130.70
78.34
0.436
0.70
0.503
0.65
0.387
0.75
30.60
39.30
2.50
3.90
19.58
8.70
6.26
0.158
1.15
0.179
1.05
0.055
0.128
0.25V/100K
1.25
1.95
1.69
2.18
5.90
0.0060
5.00
5.40
0.0070
0.0080
2.55
3.40
4.90
3.57
Max.
Min.
±20%
0.024
0.25V/100K
2.95
0.029
0.033
0.25V/100K
0.25V/100K
2.70
2.50
Max.
( Hz )
Parallel
Test
LL IDC
IDC
RDC
L
L
IDC
RDC
Test
Series
IDC
2.18
1.22
7.65
4.90
14.99
9.83
24.79
19.58
49.10
99.14
68.85
32.67
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.42
10.51
69.56
47.93
35.31
16.60
21.29
13.37
3.57
6.73
5.31
0.89
1.56
0.64
0.0140
0.0320
0.0400
0.0450
0.0850
0.0970
0.1090
0.1260
0.3050
0.3620
0.5410
1.40
1.60
1.50
2.10
2.30
0.76
0.62
0.82
1.30
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
42.02
26.92
21.23
14.26
141.24
85.17
66.38
53.48
278.22
191.71


Similar Part No. - STB1106200MZF

ManufacturerPart #DatasheetDescription
logo
AUK corp
STB1132 AUK-STB1132 Datasheet
89Kb / 3P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STB1132 KODENSHI-STB1132 Datasheet
331Kb / 4P
   PNP Silicon Transistor
STB1132 KODENSHI-STB1132 Datasheet
331Kb / 4P
   PNP Silicon Transistor
logo
AUK corp
STB1188 AUK-STB1188 Datasheet
85Kb / 3P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STB1188 KODENSHI-STB1188 Datasheet
309Kb / 4P
   PNP Silicon Transistor
More results

Similar Description - STB1106200MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com