Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44620-0003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 44620-0003
Description  Modular Jack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

44620-0003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  44620-0003 Datasheet HTML 1Page - Molex Electronics Ltd. 44620-0003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES AND SPECIFICATIONS
Modular Jack
44620
Right Angle RJ-45
Low Profile Inverted Shielded
And Unshielded Versions
With RJ-11 Keepout Feature
Features and Benefits
s
Prevents mismating of RJ-11 plugs into RJ-45 jack
s
Meets Category 5 for Fast Ethernet
s
Plug latch on top
s
Shield with enhanced panel grounding tabs
s
100% tested for hi-pot and continuity
s
Shortened leads with bottom contacts
Reference Information
Product Specification: PS-43860-0003
Packaging: Unshielded—Tube
Shielded—Tray
UL File No.: E107635
CSA File No.: LR19980
Mates with: FCC 68 Plugs
Designed in: Inches
Electrical
Voltage: 125V
Current: 1.5A max.
Contact Resistance: 10m
Ω max.
Dielectric Withstanding Voltage: 1000V AC
Insulation Resistance: 500 M
Ω min.
Mechanical
Durability: 500 cycles
Physical
Housing: Black glass-filled, high-temperature nylon, UL 94V-0
Plating: Contact Area—1.27
µm (50µ") min. Gold
Solder Tail Area—1.27
µm (50µ") Tin/Lead
Underplating—Nickel
Operating Temperature: -40 to +80˚C
CATALOG DRAWING (FOR REFERENCE ONLY)
ORDERING INFORMATION AND DIMENSIONS
Note: Contact Molex for 30
µ" select Gold plating or for alternative rear and center grounding tab option order numbers
Circuits
Loaded Contacts
Order Number
Dimension
Unshielded
Shielded
AB
C
D
With All Panel
Grounding Tabs
With Offset Panel
Grounding Tabs
88
44620-0001
15.75 (.620)
7.11 (.280)
11.91 (.469)
13.21 (.520)
44620-0002
16.38 (.645)
7.11 (.280)
11.91 (.469)
13.53 (.533)
44620-0003
16.38 (.645)
7.11 (.280)
11.91 (.469)
13.53 (.533)
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel:1-800-78MOLEX
Fax:630-969-1352
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel:81-462-65-2324
Fax:81-462-65-2366
Far East South Headquarters
Jurong, Singapore
Tel:65-268-6868
Fax:65-265-6044
European Headquarters
Munich, Germany
Tel:49-89-413092-0
Fax:49-89-401527
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
Tel:630-969-4550
Visit our Web site at http://www.molex.com
Order No. USA-141
Printed in USA/2.5K/JI/JI/2000.10
©
2000, Molex


Similar Part No. - 44620-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44620-0003 MOLEX6-44620-0003 Datasheet
545Kb / 6P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8
More results

Similar Description - 44620-0003

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
   Modular jack
logo
CUI INC
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
   MODULAR JACK
04/16/2021
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
   MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
   MODULAR JACK
CRJ004-ML1-TH CUI-CRJ004-ML1-TH Datasheet
350Kb / 4P
   MODULAR JACK
CRJ019-1-TH CUI-CRJ019-1-TH Datasheet
286Kb / 3P
   MODULAR JACK
CRJ024-1-TH CUI-CRJ024-1-TH Datasheet
306Kb / 3P
   MODULAR JACK
CRJ052-1H-TH CUI-CRJ052-1H-TH Datasheet
372Kb / 3P
   MODULAR JACK
04/16/2021
logo
CUI Devices
CRJ059-L1-TH CUID-CRJ059-L1-TH Datasheet
350Kb / 3P
   MODULAR JACK
08/05/2022
logo
CUI INC
CRJ023-5-TH CUI-CRJ023-5-TH Datasheet
289Kb / 3P
   MODULAR JACK
CRJ005-M1-TH CUI-CRJ005-M1-TH Datasheet
373Kb / 4P
   MODULAR JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com