Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT1008CSF-040K Datasheet(PDF) 1 Page - Central Technologies

Part # CT1008CSF-040K
Description  SMD Wire-wound Chip Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT1008CSF-040K Datasheet(HTML) 1 Page - Central Technologies

  CT1008CSF-040K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Wire-wound Chip Inductors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.04.07
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
mm
2.92
2.79
2.1
2.03
0.51
1.52
0.51
inches
0.12
0.11
0.08
0.08
0.02
0.06
0.02
PHYSICAL DIMENSIONS
PAD LAYOUT
SPECIFICATIONS
Please specify tolerance code when ordering.
CT1008CSF-330_
G = ±2%, J = ±5%, K = ±10%, M = ±20%
* K or M only
** J, K or M only
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(nH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CT1008CSF-030_*
3.9
50
40
900
6000
.05
1100
CT1008CSF-040_*
4.7
50
50
1500
4100
.08
1000
CT1008CSF-080_*
8.2
50
40
1500
4200
.07
1000
CT1008CSF-100_**
10
50
50
500
4100
.08
1000
CT1008CSF-120_**
12
50
50
500
3300
.09
1000
CT1008CSF-150_**
15
50
50
500
2500
.10
1000
CT1008CSF-180_**
18
50
50
350
2500
.11
1000
CT1008CSF-220_**
22
50
55
350
2400
.12
1000
CT1008CSF-270_**
27
50
55
350
1600
.13
1000
CT1008CSF-330_
33
50
60
350
1600
.14
1000
CT1008CSF-390_
39
50
60
350
1500
.15
1000
CT1008CSF-470_
47
50
65
350
1500
.16
1000
CT1008CSF-560_
56
50
65
350
1300
.18
1000
CT1008CSF-680_
68
50
65
350
1300
.20
1000
CT1008CSF-820_
82
50
60
350
1000
.22
1000
CT1008CSF-101_
100
25
60
350
1000
.56
650
CT1008CSF-121_
120
25
60
350
950
.63
650
CT1008CSF-151_
150
25
45
100
850
.70
580
CT1008CSF-181_
180
25
45
100
750
.77
620
CT1008CSF-221_
220
25
45
100
700
.84
500
CT1008CSF-271_
270
25
45
100
600
.91
500
CT1008CSF-331_
330
25
45
100
570
1.1
450
CT1008CSF-391_
390
25
45
100
500
1.1
470
CT1008CSF-471_
470
25
45
100
450
1.2
400
CT1008CSF-561_
560
25
45
100
415
1.3
400
CT1008CSF-621_
620
25
45
100
375
1.4
300
CT1008CSF-681_
680
25
45
100
375
1.5
400
CT1008CSF-751_
750
25
45
100
360
1.5
360
CT1008CSF-821_
820
25
45
100
350
1.6
400
CT1008CSF-911_
910
25
35
50
320
1.7
380
CT1008CSF-102_
1000
25
35
50
290
1.8
370
CT1008CSF-122_
1200
7.9
35
50
250
2.0
310
CT1008CSF-152_
1500
7.9
28
50
200
2.3
330
CT1008CSF-182_
1800
7.9
28
50
160
2.6
300
CT1008CSF-222_
2200
7.9
28
50
160
2.8
280
CT1008CSF-272_
2700
7.9
22
25
140
3.2
290
CT1008CSF-332_
3300
7.9
22
25
110
3.4
290
CT1008CSF-392_
3900
7.9
20
25
100
3.6
260
CT1008CSF-472_
4700
7.9
20
25
90
4.0
260
CT1008CSF-562_
5600
7.9
20
7.9
55
7.0
200
CT1008CSF-682_
6800
7.9
20
7.9
45
8.0
180
CT1008CSF-822_
8200
7.9
20
7.9
35
9.5
150
CT1008CSF-103_
10000
7.9
20
7.9
25
12
100
CT1008CSF Series
From 3.9 nH to 10,000 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD ceramic core wire-wound chip inductor
Applications: LC resonant circuits such as oscillator and signal
generators, impedance matching, circuit isolation, RF filters, disk
drives and computer peripherals, audio and video equipment, TV,
radio and telecommunication equipment
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±2%, ±5%, ±10% & ±20%
Testing: Inductance and Q are tested on an HP4287A at
specified frequency
Packaging: Tape & Reel
Marking: Reels are marked with inductance code and tolerance
Miscellaneous: RoHS Compliant. Parts are also available without
a clear plastic cap. Other values available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
ENGINEERING KIT #5F
RoHS
Compliant


Similar Part No. - CT1008CSF-040K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT1008HQF CT-CT1008HQF Datasheet
172Kb / 1P
   SMD Wire-wound Chip Inductors - High Q
CT1008HQF-10NG CT-CT1008HQF-10NG Datasheet
172Kb / 1P
   SMD Wire-wound Chip Inductors - High Q
CT1008HQF-10NJ CT-CT1008HQF-10NJ Datasheet
172Kb / 1P
   SMD Wire-wound Chip Inductors - High Q
CT1008HQF-10NK CT-CT1008HQF-10NK Datasheet
172Kb / 1P
   SMD Wire-wound Chip Inductors - High Q
CT1008HQF-12NG CT-CT1008HQF-12NG Datasheet
172Kb / 1P
   SMD Wire-wound Chip Inductors - High Q
More results

Similar Description - CT1008CSF-040K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT1008LS CT-CT1008LS Datasheet
227Kb / 1P
   SMD Wire-wound Chip Inductors
CT1210LSCF CT-CT1210LSCF Datasheet
405Kb / 1P
   SMD Wire-wound Chip Inductors
CT1008LSF CT-CT1008LSF Datasheet
375Kb / 1P
   SMD Wire-wound Chip Inductors
CT1206CSF CT-CT1206CSF Datasheet
160Kb / 1P
   SMD Wire-wound Chip Inductors
CT1210LSC CT-CT1210LSC Datasheet
183Kb / 1P
   SMD Wire-wound Chip Inductors
CT0603LS CT-CT0603LS Datasheet
206Kb / 1P
   SMD Wire-wound Chip Inductors
CT0402HPF CT-CT0402HPF Datasheet
398Kb / 1P
   SMD Wire-wound Chip Inductors
CT0603LSF CT-CT0603LSF Datasheet
500Kb / 1P
   SMD Wire-wound Chip Inductors
CT0805HQF CT-CT0805HQF Datasheet
367Kb / 1P
   SMD Wire-wound Chip Inductors
CT1812CSF CT-CT1812CSF Datasheet
189Kb / 1P
   SMD Wire-wound Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com