Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB-1720 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # PSB-1720
Description  Socket 478 Pentium 4 CPU Card with VGA/Sound/LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PSB-1720 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  PSB-1720 Datasheet HTML 1Page - Protech Systems Co., Ltd. PSB-1720 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intel Pentium 4/ Celeron (Northwood)processor
1.4~3.06GHz
Intel 845GV + ICH4
2x184-pin DDR DIMM, support DDR333
SDRAM up to 2GB
Phoenix-Award PnP BIOS, with VGA BIOS
16 level Watchdog timer selectable w/Reset/NMI
Supports AT/ATX power
+5V, +12V, +5VSB. Minimum AT power
Requirement, 5V:50W; 12V:100W.
+5V: 2.93A/ +12V: 3.5A (Pentium
4-2.0 GHz)
+5V: 2.9A/ +12V: 3.3A (Celeron
1.7 GHz)
338.5mm x 122mm (13.33" x 4.8")
PERFORMANCE & POWER CONSUMPTION
3DMark2001SE
Multimedia Content
Winstone 2003
Power Consumption
+5V and +12V
CPU Type
Socket 478 Pentium 4 CPU Card with VGA/Sound/LAN
PSB-1720
PSB-1720
Pentium
4 2.4GHz
Pentium
4 3.06GHz
1427
1906
31.7
45
2.5A / 6.21A
3.3A / 7.8A
R
IT8888F
ITE
PPCI
A30
B30
IrDA
2
1
JP7
1
JP8
JP9
JP6
I/O
1
39
2
40
IDE1
40
39
1
2
IDE2
BUZ
JP2
1
JP1
20
19
USB1
6
5
10
1
6
5
10
1
USB2
FAN2
1
FAN1
1
FDD1
33
34
1
2
COM2
9
10
JP3
JP4
2
19
1
9
1
6
5
1
CD-IN
11
12
9
10
8
2
1
7
Battery
1
15
10
1
611
5
1
1
6
2
5
1
5
6
2
4
3
A1
B1
LPT1
26
13
14
1
1 2
2
1
5
JP5
PW1
5
10
6
1
3
1
4
2
CN1
3
INTEL
845GV
82562EM
DVO2
30
29
1
2
DVO1
1
2
30
29
1
ICH4
MPGA478
DIMM 2
DIMM 1
6
1
10
5
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Jan. 2005.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Jan. 2005.
R
Specifications
R
R
R
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
SSD
CF
FDD Interface
Bus Interface
Serial Port
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
SSD
CF
FDD Interface
Bus Interface
Serial Port
R
1 x parallel (SPP/EPP/ECP)
1 (SIR)
Mini DIN connector or external connector
Mini DIN connector (selectable w/ KB) or Y-cable
Intel 82562EM (10/100Mbps)
Supports Wake-on-LAN wtih ATX power
AC '97 Codec, Realtek ALC202A with Line-in/
Line-out/MIC
4 x USB 2.0
0°~60°C(32°~140°F)
-40°~85°C(-40°~185°F)
Operation humidity 20~90%,
storage humidity 20~95%
Built-in Intel 845GV, share system memory,
supports CRT & DVO
DVO
PICMG S478 P4 CPU card with VGA /Audio /LAN
R
R
Parallel Port
IrDA
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
PSB-1720
Certificate: CE, FCC, CLASS A
Parallel Port
IrDA
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
PSB-1720
Certificate: CE, FCC, CLASS A
2x40-pin IDE (UDMA 33/66/100)
32-pin socket supports DOC up to 288MB
1 x compact flash slot (IDE)
1
PPCI BUS
2 x COM ports, COM1 for RS232, COM2 for
RS232/422/485 ( for 16550 compatible type
of UART)
R
R


Similar Part No. - PSB-1720

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PSB-1012 PMI-PSB-1012 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PSB-1012D PMI-PSB-1012D Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PSB-101D PMI-PSB-101D Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PSB-102 PMI-PSB-102 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
More results

Similar Description - PSB-1720

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PSB-501LF PROTECHSYSTEMS-PSB-501LF Datasheet
366Kb / 2P
   Socket 478 Pentium M CPU Card
PSB-511LF PROTECHSYSTEMS-PSB-511LF Datasheet
488Kb / 2P
   Socket 478 Pentium M CPU Card
PSB-502LF PROTECHSYSTEMS-PSB-502LF Datasheet
351Kb / 2P
   Socket 478 Pentium M CPU Card
PMB-441 PROTECHSYSTEMS-PMB-441 Datasheet
191Kb / 1P
   Socket 775 Pentium 4 Motherboard with VGA/Sound/2LAN
PMB-1751LF PROTECHSYSTEMS-PMB-1751LF Datasheet
402Kb / 2P
   Socket 478 Pentium 4 Motherboard
EB-471 PROTECHSYSTEMS-EB-471 Datasheet
934Kb / 2P
   ULV Celeron M CPU Card w/vga/sound/lan
logo
Advantech Co., Ltd.
PCA-6186-B ADVANTECH-PCA-6186-B Datasheet
342Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor Card with VGA/Dual GbE LAN
PCA-6187-A2 ADVANTECH-PCA-6187-A2 Datasheet
357Kb / 2P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor Card with VGA/Dual GbE LAN/SCSI
AIMB-740-B ADVANTECH-AIMB-740-B Datasheet
210Kb / 2P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with VGA/Dual LAN
logo
AAEON Technology
FSB-865G AAEON-FSB-865G Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com