Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74GTLPH16612DL Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74GTLPH16612DL
Description  18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLPH16612DL Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74GTLPH16612DL Datasheet HTML 3Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 4Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 5Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 6Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 7Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 8Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 9Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 10Page - Texas Instruments SN74GTLPH16612DL Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SN74GTLPH16612
18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SCES326 – MARCH 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISTRIBUTED-LOAD BACKPLANE SWITCHING CHARACTERISTICS
The previous switching characteristics table shows the switching characteristics of the device into a lumped load
(Figure 2). However, the designer’s backplane application most likely is a distributed load, the physical representation
as shown in Figure 3. This backplane, or distributed load, can be closely approximated to an RLC circuit, as in
Figure 4. This device has been designed for optimum performance into this RLC circuit. The following switching
characteristics table shows the switching characteristics of the device into the RLC load, to help the designer better
understand the performance of the GTLP device in this typical backplane. See www.ti.com/sc/gtlp for more
information.
Drvr
1.5 V
.25”
2”
1”
1”
1.5 V
1”
1”
2”
.25”
Rcvr
Rcvr
Rcvr
Figure 3. Medium-Drive Test Backplane
Slot 1
Slot 2
Slot 9
Slot 10
Conn.
Conn.
Conn.
Conn.
Z0 = 70 Ω
From Output
Under Test
Test
Point
1.5 V
CL = 9 pF
19
LL = 19 nH
Figure 4. Medium-Drive RLC Network
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, VTT = 1.5 V and VREF = 1 V for GTLP (see Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP‡
UNIT
fmax
85
MHz
A
3.6
tpd
LEAB
B
4.3
ns
CLKAB
4.4
ten
OEAB
B
4.1
ns
tdis
OEAB
B
4.3
ns
tr
Rise time, B outputs (20% to 80%)
1.4
ns
tf
Fall time, B outputs (80% to 20%)
2.1
ns
† TI SPICE simulation data
‡ All typical values are at VCC = 3.3 V, TA = 25°C.


Similar Part No. - SN74GTLPH16612DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH1612DGGR TI-SN74GTLPH1612DGGR Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH1616DGGR TI1-SN74GTLPH1616DGGR Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH1645 TI-SN74GTLPH1645 Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
More results

Similar Description - SN74GTLPH16612DL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP36T612 FAIRCHILD-GTLP36T612 Datasheet
78Kb / 8P
   36-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com