Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74FB2033ARCR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74FB2033ARCR
Description  8-BIT TTL/BTL REGISTERED TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2033ARCR Datasheet(HTML) 2 Page - Texas Instruments

  SN74FB2033ARCR Datasheet HTML 1Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 2Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 3Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 4Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 5Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 6Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 7Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 8Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SN74FB2033A
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SCBS174M – NOVEMBER 1991 – REVISED SEPTEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Data flow in the B-to-A direction, regardless of the logic element selected, is further controlled by the
LOOPBACK input. When LOOPBACK is low, B-port data is the B-to-A input. When LOOPBACK is high, the
output of the selected A-to-B logic element (prior to inversion) is the B-to-A input.
The AO port-enable/-disable control is provided by OEA. When OEA is low or when VCC is less than 2.5 V, the
AO port is in the high-impedance state. When OEA is high, the AO port is active (high or low logic levels).
The B port is controlled by OEB and OEB. If OEB is low, OEB is high, or VCC is less than 2.5 V, the B port is
inactive. If OEB is high and OEB is low, the B port is active.
BG VCC and BG GND are the bias-generator reference inputs.
The A-to-B and B-to-A logic elements are active, regardless of the state of their associated outputs. The logic
elements can enter new data (in flip-flop and latch modes) or retain previously stored data while the associated
outputs are in the high-impedance (AO port) or inactive (B port) states.
Output clamps are provided on the BTL outputs to reduce switching noise. One clamp reduces inductive ringing
effects on VOH during a low-to-high transition. The other clamps out ringing below the BTL VOL voltage of 0.75 V.
Both clamps are active only during ac switching and do not affect the BTL outputs during
steady-state conditions.
BIAS VCC establishes a voltage between 1.62 V and 2.1 V on the BTL outputs when VCC is not connected.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
0
°C to 70°C QFP – RC
Tube
SN74FB2033ARC
FB2033A
† Package drawings, standard packing quantities, thermal data,
symbolization,
and
PCB
design
guidelines
are
available
at
www.ti.com/sc/package.


Similar Part No. - SN74FB2033ARCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2033ARCR TI1-SN74FB2033ARCR Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCRG3 TI1-SN74FB2033ARCRG3 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results

Similar Description - SN74FB2033ARCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
NXP Semiconductors
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com