Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74FB2032 Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN74FB2032
Description  9-BIT TTL/BTL COMPETITION TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74FB2032 Datasheet(HTML) 1 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN74FB2032
9-BIT TTL/BTL COMPETITION TRANSCEIVER
SCBS175H – NOVEMBER 1991 – REVISED SEPTEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Compatible With IEEE Std 1194.1-1991
(BTL)
D TTL A Port, Backplane Transceiver Logic
(BTL) B Port
D Open-Collector B-Port Outputs Sink
100 mA
D BIAS VCC Pin Minimizes Signal Distortion
During Live Insertion or Withdrawal
D High-Impedance State During Power Up
and Power Down
D B-Port Biasing Network Preconditions the
Connector and PC Trace to the BTL
High-Level Voltage
D TTL-Input Structures Incorporate Active
Clamping Networks to Aid in Line
Termination
D Packaged in Plastic Quad Flatpack
RC PACKAGE
(TOP VIEW)
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
GND
A3
GND
A4
GND
A5
GND
A6
GND
A7
GND
A8
GND
GND
B2
GND
B3
GND
B4
GND
B5
GND
B6
GND
B7
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
description
The SN74FB2032 device is a 9-bit transceiver designed to translate signals between TTL and backplane
transceiver logic (BTL) environments and to perform bus arbitration. It is designed specifically to be compatible
with IEEE Std 1194.1-1991.
The B port operates at BTL-signal levels. The open-collector B ports are specified to sink 100 mA and have
minimum output edge rates of 2 ns. Two output enables (OEB and OEB) are provided for the B outputs. When
OEB is low, OEB is high, or VCC is less than 2.1 V, the B port is turned off.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn