Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

908160312 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 908160312
Description  Picoflex짰 SMT Latched Header 1.27mm (.050?? Pitch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

908160312 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  908160312 Datasheet HTML 1Page - Molex Electronics Ltd. 908160312 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPeciFicaTionS
Picoflex® SMT Latched
Header 1.27mm (.050”)
Pitch
90816 Vertical SMT Header
with Latches
Reference Information
Packaging: Tube or Blister Pack
UL file No.: N/A
CSA File No.: N/A
Mates with: Series 90327
Designed In: Millimeters
Electrical
Voltage (max.): 250V
Current (max.): 1.2A
Contact Resistance: 15 milliohms max.
Dielectric Withstanding Voltage: 750V rms
Insulation Resistance: 1000 Megohms min.
Physical
Housing: Black 30% glass filled polyphtalamide
Contact: Brass
Plating: See Table
Contact Area - Tin (Sn) or Gold (Au)
Solder Tail Area - Tin (Sn) or Gold (Au)
Underplating - Nickel (Ni)
PCB Thickness:
1.60 ± 0.14mm
(0.063 ± 0.005")
Operating temperature: -40 up to +105°C
Mechanical
Contact Insertion Force: 1.7N max. on Tin (Sn)
1.1N max o Gold (Au)
Contat Retention to Housing: 7N
Insertion Force to PCB: N/A
Mating Force:
1.7N max. on Tin (Sn)
1.1N max on Gold (Au)
Durability (min.):
5 cycles
(using extraction tool)
Tube
Reel
Tube
Reel
Circuit Size Plating 1
Plating 2
PCB Pegs
Plating 1
Plating 2
PCB Pegs
Plating 1
Plating 2
PCB Pegs
Plating 1
Plating 2
PCB Pegs
4*
908160004
908163004
Yes
n/a
n/a
908160304
908163304
No
n/a
n/a
6
908160006
908163006
Yes
908160206
908163206
Yes
908160306
908163306
No
908160506
908163506
No
8
908160008
908163008
Yes
908160208
908163208
Yes
908160308
908163308
No
908160508
908163508
No
10
901160010
908163010
Yes
908160210
908163210
Yes
908160310
908163310
No
908160510
908163510
No
12
908160012
908163012
Yes
908160212
908163212
Yes
908160312
908163312
No
908160512
908163512
No
14
908160014
908163014
Yes
908160214
908163214
Yes
908160314
908163314
No
908160514
908163514
No
16
908160016
908163016
Yes
908160216
908163216
Yes
908160316
908163316
No
908160516
908163516
No
18
908160018
908163018
Yes
908160218
908163218
Yes
908160318
908163318
No
908160518
908163518
No
20
908160020
908163020
Yes
908160220
908163220
Yes
908160320
908163320
No
908160520
908163520
No
22
908160022
908163022
Yes
908160222
908163222
Yes
908160322
908163322
No
908160522
908163522
No
24
908160024
908163024
Yes
908160224
908163224
Yes
908160324
908163324
No
908160524
908163524
No
26
908160026
908163026
Yes
908160226
908163226
Yes
908160326
908163326
No
908160526
908163526
No
* 4-Circuit only available in a tube
www.molex.com/product/ribbon/picoflex.html
america
Lisle Illinois 60532 U.S.A.
+1-800-78MOLEX
amerinfo@molex.com
asia Pacific north
Yamato, Kanagawa, Japan
+84-46-265-2325
apninfo@molex.com
asia Pacific South
Jurong, Singapore
+65-6268-6868
apsinfo@molex.com
europe
Walldorf, Germany
+49 6227-3091-0
mxgermany@molex.com
corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
+630-969-4550
Order No. 9876503010
Europe/BvO/09.03
© 2009, Molex
orderinG inForMaTion
FeaTureS and BeneFiTS
Positive latches increase the retention force
between the header and receptacle by at least
50% than is specified for the standard friction-
lock series 90814
SMT solder tails so that header can be soldered
directly onto the PCB
Polarising peg avoids mis-mating of the header
and receptacle and acts as a lead-in to aid
assembly
Gold plating option provides easier mating,
higher mating cycles and is recommended for
parts running at consistently high temperatures
and in low-current applications
Polyphthalamide (PPA) housing material can
tolerate RoHS lead-free reflow solder up to
+260°C
Optional PCB pegs polarise the header to the
board
Standard interface design ensures the header
is backward compatible and mates with 90327
receptacles


Similar Part No. - 908160312

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
908160-316 MOLEX11-908160-316 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex SMT Latched Vertical Header, 16 Circuits, Tin (Sn) Plating, Black
More results

Similar Description - 908160312

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0908160010 MOLEX11-0908160010 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 SMT Latched Vertical Header
0908160512 MOLEX11-0908160512 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 SMT Latched Vertical Header
0908163220 MOLEX11-0908163220 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 SMT Latched Vertical Header
0908163004 MOLEX11-0908163004 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 SMT Latched Vertical Header
0908160526 MOLEX11-0908160526 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 SMT Latched Vertical Header
0908163006 MOLEX11-0908163006 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 SMT Latched Vertical Header
0908143908 MOLEX11-0908143908 Datasheet
248Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 PF-50 SMT Header
0908143804 MOLEX11-0908143804 Datasheet
248Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 PF-50 SMT Header
0908143810 MOLEX11-0908143810 Datasheet
248Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 PF-50 SMT Header
0908143722 MOLEX11-0908143722 Datasheet
248Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 PF-50 SMT Header
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com