Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT181LYF-822J Datasheet(PDF) 1 Page - Central Technologies

Part # CT181LYF-822J
Description  Peaking Coils - Radial
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT181LYF-822J Datasheet(HTML) 1 Page - Central Technologies

  CT181LYF-822J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Peaking Coils - Radial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
SPECIFICATIONS
Please specify tolerance code when ordering.
CT181LYF-102_
J = ±5%, K = ±10%
* The rated DC current is that which the inductance value decrease 10% by the excitation
DC current, measured at 1kHz by universal bridge or equivalent.
L Test
Q
Q Test
SRF
DCR
*Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(mH)
(kHz)
Min.
(kHz)
(MHz)
(
Ω
Ω)
(mA)
CT181LYF-102_
1.0
1.0
70
50
.77
3.4
90
CT181LYF-122_
1.2
1.0
70
50
.70
3.7
75
CT181LYF-152_
1.5
1.0
70
50
.64
4.0
70
CT181LYF-182_
1.8
1.0
70
50
.57
4.5
65
CT181LYF-222_
2.2
1.0
70
50
.51
5.2
60
CT181LYF-272_
2.7
1.0
100
50
.48
5.8
55
CT181LYF-332_
3.3
1.0
100
50
.44
6.1
50
CT181LYF-392_
3.9
1.0
100
50
.41
7.2
45
CT181LYF-472_
4.7
1.0
100
50
.38
7.5
40
CT181LYF-562_
5.6
1.0
100
50
.35
8.4
40
CT181LYF-682_
6.8
1.0
100
50
.32
9.7
35
CT181LYF-822_
8.2
1.0
100
50
.28
10
30
CT181LYF-103_
10
1.0
100
50
.25
12
25
CT181LYF-123_
12
1.0
100
50
.22
13
25
CT181LYF-153_
15
1.0
100
50
.22
15
20
CT181LYF-183_
18
1.0
100
50
.19
17
22
CT181LYF-223_
22
1.0
100
50
.19
19
21
CT181LYF-273_
27
1.0
100
50
.16
22
18
CT181LYF-333_
33
1.0
100
50
.16
26
17
CT181LYF-363_
36
1.0
100
50
.20
27
16
CT181LYF-393_
39
1.0
100
50
.12
45
15
CT181LYF-473_
47
1.0
100
50
.12
52
13
CT181LYF-563_
56
1.0
100
50
.12
58
12
CT181LYF-683_
68
1.0
100
50
.09
67
11
CT181LYF-823_
82
1.0
100
50
.09
71
10
CT181LYF-104_
100
1.0
100
50
.09
82
9
CT181LYF-124_
120
1.0
100
50
.08
97
8
CT181LYF Series
From 1.0 mH to 120 mH
Not shown at actual size.
CHARACTERISTICS
Description: Radial leaded (shielded) fixed inductor
Applications: Ideal as a choke coil for noise filtering. Suitable for
use in audio processing circuit for low, high and bandpass filtering
Operating Temperature: -20°C to +125°C
Inductance Tolerance: ±5%, ±10%
Testing: Inductance and Q are tested on an HP4284A at 1.0 kHz
Packaging: Bulk pack; packaged in styrofoam
Marking: Marked with inductance on top of part
Miscellaneous: RoHS Compliant. Magnetically shielded
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
C
B
D
E
Size
A
B
C
D
E
Max.
Max.
Nom.
Nom.
Nom.
mm
14
10.8
4
5
0.7
inches
0.55
0.43
0.16
0.2
0.028
PHYSICAL DIMENSIONS
10.06.06
RoHS
Compliant


Similar Part No. - CT181LYF-822J

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CT181003ALM AAC-CT181003ALM Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
CT181003ALM AAC-CT181003ALM Datasheet
700Kb / 3P
   Thin Film Precision Chip Resistors
CT181003ALO AAC-CT181003ALO Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
CT181003ALO AAC-CT181003ALO Datasheet
700Kb / 3P
   Thin Film Precision Chip Resistors
CT181003AMM AAC-CT181003AMM Datasheet
200Kb / 3P
   Chip Resistors - Tin / Gold Terminations Available
More results

Similar Description - CT181LYF-822J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT187LYF CT-CT187LYF Datasheet
172Kb / 1P
   Peaking Coils - Radial
CTCH106F CT-CTCH106F Datasheet
207Kb / 1P
   Peaking Coils - Radial
CTCH114F CT-CTCH114F Datasheet
467Kb / 1P
   Peaking Coils - Radial
CTRL5480F-3 CT-CTRL5480F-3 Datasheet
331Kb / 1P
   Peaking Coils - Radial
CT262LYF CT-CT262LYF Datasheet
350Kb / 1P
   Peaking Coils - Radial
CTCH108F CT-CTCH108F Datasheet
476Kb / 1P
   Peaking Coils - Radial
CTCH875F CT-CTCH875F Datasheet
472Kb / 1P
   Peaking Coils - Radial
CTRFB1010F CT-CTRFB1010F Datasheet
489Kb / 1P
   Peaking Coils - Radial
CTRFB0810F CT-CTRFB0810F Datasheet
318Kb / 1P
   Peaking Coils - Radial
CT622LYF CT-CT622LYF Datasheet
176Kb / 1P
   Peaking Coils - Radial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com