Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT0603CSF-18NG Datasheet(PDF) 1 Page - Central Technologies

Part # CT0603CSF-18NG
Description  Wire-wound Chip Inductors - Open
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT0603CSF-18NG Datasheet(HTML) 1 Page - Central Technologies

  CT0603CSF-18NG Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Open
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
06.18.07
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
mm
1.8
1.12
1.02
0.76
0.33
0.86
0.38
inches
0.07
0.044
0.04
0.03
0.013
0.034
0.015
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CT0603CSF-1N6_
G = ±2%, J = ±5%, K = ±10%, M = ±20%
* J, K or M only
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Fact.
Freq.
Min.
Max.
DC
Number
(nH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CT0603CSF-1N6_*
1.6
250
24
250
12500
.030
700
CT0603CSF-1N8_*
1.8
250
16
250
12500
.045
700
CT0603CSF-2N2_*
2.2
250
13
250
12500
0.25
100
CT0603CSF-3N3_*
3.3
250
35
250
5900
.045
700
CT0603CSF-3N6_*
3.6
250
22
250
5900
.063
700
CT0603CSF-3N9_*
3.9
250
22
250
6900
.080
700
CT0603CSF-4N3_*
4.3
250
22
250
5900
.063
700
CT0603CSF-4N7_*
4.7
250
20
250
5800
.116
700
CT0603CSF-5N1_*
5.1
250
20
250
5700
.140
700
CT0603CSF-5N6_*
5.6
250
20
250
5700
.170
700
CT0603CSF-6N3_*
6.3
250
20
250
5700
.140
700
CT0603CSF-6N8_*
6.8
250
27
250
5800
.110
700
CT0603CSF-7N5_*
7.5
250
28
250
4800
.106
700
CT0603CSF-8N2_*
8.2
250
28
250
4700
.109
700
CT0603CSF-8N7_*
8.7
250
28
250
4600
.109
700
CT0603CSF-9N5_*
9.5
250
28
250
5400
.135
700
CT0603CSF-10N_
10
250
31
250
4800
.130
700
CT0603CSF-11N_
11
250
33
250
4000
.086
700
CT0603CSF-12N_
12
250
35
250
4000
.130
700
CT0603CSF-15N_
15
250
35
250
4000
.170
700
CT0603CSF-16N_
16
250
34
250
3300
.104
700
CT0603CSF-18N_
18
250
35
250
3100
.170
700
CT0603CSF-22N_
22
250
38
250
3000
.190
700
CT0603CSF-23N_
23
250
38
250
2850
.135
700
CT0603CSF-24N_
24
250
37
250
2650
.135
700
CT0603CSF-27N_
27
250
40
250
2800
.220
600
CT0603CSF-30N_
30
250
37
250
2250
.144
600
CT0603CSF-33N_
33
250
40
250
2300
.220
600
CT0603CSF-36N_
36
250
38
250
2080
.250
600
CT0603CSF-39N_
39
250
40
250
2200
.250
600
CT0603CSF-43N_
43
250
39
250
2000
.280
600
CT0603CSF-47N_
47
200
38
200
2000
.280
600
CT0603CSF-51N_
51
200
35
200
1900
.340
600
CT0603CSF-56N_
56
200
38
200
1900
.310
600
CT0603CSF-68N_
68
200
37
200
1700
.340
600
CT0603CSF-72N_
72
150
34
150
1700
.490
400
CT0603CSF-82N_
82
150
34
150
1700
.540
400
CT0603CSF-R10_
100
150
34
150
1400
.580
400
CT0603CSF-R11_
110
150
32
150
1350
.610
300
CT0603CSF-R12_
120
150
32
150
1300
.750
300
CT0603CSF-R15_
150
150
28
150
990
.920
280
CT0603CSF-R18_
180
100
25
100
990
1.25
240
CT0603CSF-R22_
220
100
25
100
900
2.10
200
CT0603CSF-R27_
270
100
24
100
900
2.30
170
CT0603CSF-R33_*
330
100
25
100
900
3.89
100
CT0603CSF-R39_*
390
100
25
100
900
4.35
100
CT0603CSF Series
From 1.6 nH to 390 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD ceramic core wire-wound high current
chip inductor
Applications: Telecommunication equipment, mobile phones,
small size pagers, computers, printers and relevant equipment.
Also, audio & video applications and the automotive electronics
industry. High frequency applications
Operating Temperature: -40°C to +125°C
Inductance Tolerance: ±2%, ±5%, ±10%, ±20%
Testing: Inductance and Q are tested on an HP4287A at
specified frequency
Packaging: Tape & Reel
Marking: Reels are marked with inductance code and tolerance
Miscellaneous: RoHS Compliant. Additional values available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
ENGINEERING KIT #5F
RoHS
Compliant


Similar Part No. - CT0603CSF-18NG

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CT0603CS CENTRAL-CT0603CS Datasheet
149Kb / 1P
   SMD ceramic core wire-wound high current chip inductor
CT0603CS_-10N_ CENTRAL-CT0603CS_-10N_ Datasheet
149Kb / 1P
   SMD ceramic core wire-wound high current chip inductor
CT0603CS_-11N_ CENTRAL-CT0603CS_-11N_ Datasheet
149Kb / 1P
   SMD ceramic core wire-wound high current chip inductor
CT0603CS_-12N_ CENTRAL-CT0603CS_-12N_ Datasheet
149Kb / 1P
   SMD ceramic core wire-wound high current chip inductor
CT0603CS_-15N_ CENTRAL-CT0603CS_-15N_ Datasheet
149Kb / 1P
   SMD ceramic core wire-wound high current chip inductor
More results

Similar Description - CT0603CSF-18NG

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
   Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
   Wire-wound Chip Inductors - Open
CT0603QWF CT-CT0603QWF Datasheet
89Kb / 1P
   Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
   Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com