Electronic Components Datasheet Search |
|
43879-0034 Datasheet(PDF) 4 Page - Molex Electronics Ltd. |
|
43879-0034 Datasheet(HTML) 4 Page - Molex Electronics Ltd. |
4 / 6 page FEATURES AND SPECIFICATIONS Mini-Fit CPI™ Application Tooling This application tooling was designed specifically to press in the Mini-Fit, CP connector series 43879 Insertion Tool with Manual Press Features s Tooling rotates in 90° increments allowing Mini-Fit to be positioned in four different orientations s Laser locator aids in identifying pin orientation or PC board s Adjust able board thickness ranging from .062" to .300" s Accommodates left and right hand operators s Polarization of tooling allows connector to be loaded in the proper orientation s 4 to 24 circuits with change parts included s Fits Molex standard Manual Press Specifications Weight: Including Press—24.1 kg (53 lbs.) Size: Including Press Height—498mm (19.6") Length—269mm (10.6") Depth—152.4mm (6") Rate: 120 connectors/hr depending on operator skill Ordering Information Description Order No. Product No. Manual Press and Tool Kit 62200-6900 43879 Tool Kit Only 62200-5800 43879 Manual Press 11-31-6356 Press-In Tool Features s Includes one pin holder, one backing plate and 24 alignment pins s This locking assembly may be used in a wide variety of flat platen presses s A separate board support palette is required by customer s The connector is pressed into the board from the top s Tool accommodates the full range of product from 4 to 24 circuits with removable pins Specifications Weight: Assembly—0.91 kg (2 lbs.) Size: Assembly Height—19.5mm (0.8") Length—54.5mm (2.1") Depth—31.8mm (1.3") Rate: 150 connectors/hr dependent on operator skill Ordering Information Description Order No. Product No. Press-In Tool 62200-9400 43879 Pin Holder Backing Plate Alignment Pin (24) |
Similar Part No. - 43879-0034 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |