Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43879-0025 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 43879-0025
Description  4.20mm (.165") Pitch Mini-Fit, CPI Compliant Pin Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

43879-0025 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  43879-0025 Datasheet HTML 1Page - Molex Electronics Ltd. 43879-0025 Datasheet HTML 2Page - Molex Electronics Ltd. 43879-0025 Datasheet HTML 3Page - Molex Electronics Ltd. 43879-0025 Datasheet HTML 4Page - Molex Electronics Ltd. 43879-0025 Datasheet HTML 5Page - Molex Electronics Ltd. 43879-0025 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FEATURES AND SPECIFICATIONS
Mini-Fit CPI™
Application Tooling
This application tooling was designed specifically
to press in the Mini-Fit, CP connector series 43879
Insertion Tool with Manual Press
Features
s
Tooling rotates in 90° increments allowing Mini-Fit to be
positioned in four different orientations
s
Laser locator aids in identifying pin orientation or PC board
s
Adjust able board thickness ranging from .062" to .300"
s
Accommodates left and right hand operators
s
Polarization of tooling allows connector to be loaded in the
proper orientation
s
4 to 24 circuits with change parts included
s
Fits Molex standard Manual Press
Specifications
Weight: Including Press—24.1 kg (53 lbs.)
Size: Including Press
Height—498mm (19.6")
Length—269mm (10.6")
Depth—152.4mm (6")
Rate: 120 connectors/hr depending on operator skill
Ordering Information
Description
Order No.
Product No.
Manual Press and Tool Kit
62200-6900
43879
Tool Kit Only
62200-5800
43879
Manual Press
11-31-6356
Press-In Tool
Features
s
Includes one pin holder, one backing plate and 24 alignment pins
s
This locking assembly may be used in a wide variety of flat platen presses
s
A separate board support palette is required by customer
s
The connector is pressed into the board from the top
s
Tool accommodates the full range of product from 4 to 24 circuits with removable pins
Specifications
Weight: Assembly—0.91 kg (2 lbs.)
Size: Assembly
Height—19.5mm (0.8")
Length—54.5mm (2.1")
Depth—31.8mm (1.3")
Rate: 150 connectors/hr dependent on operator skill
Ordering Information
Description
Order No.
Product No.
Press-In Tool
62200-9400
43879
Pin Holder
Backing Plate
Alignment Pin (24)


Similar Part No. - 43879-0025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43879-0025 MOLEX-43879-0025 Datasheet
252Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
2012/12/03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com