Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

908160018 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 908160018
Description  Picoflex짰 SMT Latched Header 1.27mm (.050?? Pitch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

908160018 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  908160018 Datasheet HTML 1Page - Molex Electronics Ltd. 908160018 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The new Picoflex® SMT Header with positive retention latches to provide a robust wire-to-board connection with
increased retention force for rugged applications and high-vibration environments
Picoflex connectors are suitable for many high-density
applications where space is at a premium and power
and signal are required. The positive-latch system
of this new Picoflex SMT Header meets customer
requirements for a wire-to-board connection with a
greater retention force than can be achieved with the
standard Picoflex SMT header. The latches increase
the retention force between the header and receptacle
by at least 50% compared to the Molex standard
friction-lock header, series 90814.
A typical customer requirement for the latched header
would exist in an application where part of a harness
protrudes from the assembly. Without the positive
retention latches, tension on the harness, especially
during the final assembly process, can disconnect the
header and receptacle. The latches also make this an
ideal connector for compact, wire-to-board connec-
tions in high-vibration environments in the industrial
and automotive markets.
The Picoflex surface-mount latched header features a
high-profile polarising peg which avoids mis-mating
of the header and receptacle and also acts as a lead-in
to aid assembly. The header is backward compatible
and mates with existing Picoflex receptacles, series
90327.
Picoflex® SMT Latched
Header 1.27mm (.050”)
Pitch
90816 Vertical SMT Header
with Latches
MarkeTS and aPPLicaTionS
Industrial
- Solar
- Weighing Systems
- Heating Systems
- Security Devices
- Access Controls
- Industrial Lighting
- Advertising Displays
- Power Supplies
Automotive
- Car Stereo Systems
- Navigation Systems
- In Car Entertainment
- Dashboard Applications
- Air-Conditioning
Medical
- Portable Heart Monitor
- Patient Monitor
- Blood Analyser
- Testers
Multimedia
- CD PLayers
- LCD Projector
- Satellite Receivers
- Televisions and Set Top Boxes
Others
- Office Equipment
- Vending machines
- Smart Card Readers
- Home Appliances
Used across all markets where
signal and power connections are
required
Solar Panels
Weighing Systems
Automotive Applications
Medical Applications
Office Equipment
inTroducTion


Similar Part No. - 908160018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
908160-316 MOLEX11-908160-316 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex SMT Latched Vertical Header, 16 Circuits, Tin (Sn) Plating, Black
More results

Similar Description - 908160018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0908160010 MOLEX11-0908160010 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 SMT Latched Vertical Header
0908160512 MOLEX11-0908160512 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 SMT Latched Vertical Header
0908163220 MOLEX11-0908163220 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 SMT Latched Vertical Header
0908163004 MOLEX11-0908163004 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 SMT Latched Vertical Header
0908160526 MOLEX11-0908160526 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 SMT Latched Vertical Header
0908163006 MOLEX11-0908163006 Datasheet
223Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 SMT Latched Vertical Header
0908143908 MOLEX11-0908143908 Datasheet
248Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 PF-50 SMT Header
0908143804 MOLEX11-0908143804 Datasheet
248Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 PF-50 SMT Header
0908143810 MOLEX11-0908143810 Datasheet
248Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 PF-50 SMT Header
0908143722 MOLEX11-0908143722 Datasheet
248Kb / 4P
   1.27mm (.050") Pitch Picoflex짰 PF-50 SMT Header
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com