Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMB24-115-4B Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # PMB24-115-4B
Description  AC Fans and Blowers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PMB24-115-4B Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  PMB24-115-4B Datasheet HTML 1Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
6/10/08
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com •
www.purdyelectronics.com
1
AC Fans and Blowers
PMB24-115-4B
PMB24-230-4B
Features
Size:
120 x 120 x 38 mm (4.8" x 4.8" x 1.5")
Airflow:
24 CFM
Weight:
652 g (23 oz)
Noise:
53 dBA
Lead Wire:
20AWG
Impeller:
Reinforced Plastic (UL94V-0)
Frame:
Reinforced Plastic with Steel Plate
Bearings:
Sealed Ball
Dimensions – inches (mm)
Air Flow vs Air Pressure
Performance
*Measured 1 m from intake
.23 ± 0.030
(5.8 ± 0.8)
1.220.030
(31.0 ± 0.8)
Speed Nuts NC 8-32
4.74 ± 0.030
(120.4 ± 0.8)
3.96 ± 0.010
(100.8 ± 0.5)
1.43 ± 0.030
(36.3 ± 0.8)
45°
1.04 ±0.030
(26.4 ± 0.8)
.61 ± 0.030
(15.5 ± 0.8)
.60
.50
.40
.30
.20
.10
0
06
4
210
8
Air Volume (cfm)
16
14
50 Hz
60 Hz
12
22
20
18
30
28
26
24
Type
Rated
Voltage
(V)
Operating
Frequency
(Hz)
Input Power
(W)
(@ 60 Hz)
Max Air
Flow
(CFM)
Max Air
Pressure
(In H2O)
Noise*
(dBA)
Operating
Temperature
(°C)
Life
Expectancy
(Hr)
(@ 70°C)
PMB24-115-4B
115
50/60
20
24
0.55
53
-10~ +70
20,000
PMB24-230-4B
230
50/60
20
24
0.55
53
-10~ +70
20,000
UL
E101153
CSA LR62263
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - PMB24-115-4B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PMB2400 SIEMENS-PMB2400 Datasheet
503Kb / 15P
   GSM RECEIVER CIRCUIT
PMB2401 SIEMENS-PMB2401 Datasheet
670Kb / 23P
   GSM Receiver Circuit
PMB2401S SIEMENS-PMB2401S Datasheet
670Kb / 23P
   GSM Receiver Circuit
PMB2401T SIEMENS-PMB2401T Datasheet
670Kb / 23P
   GSM Receiver Circuit
PMB2402 SIEMENS-PMB2402 Datasheet
716Kb / 21P
   GSM Receiver Circuit
More results

Similar Description - PMB24-115-4B

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PM037-115-8038BT-4 PURDY-PM037-115-8038BT-4 Datasheet
83Kb / 1P
   AC Fans and Blowers
PM220 PURDY-PM220 Datasheet
86Kb / 1P
   AC Fans and Blowers
PM240 PURDY-PM240 Datasheet
165Kb / 1P
   AC Fans and Blowers
POB19 PURDY-POB19 Datasheet
1Mb / 1P
   AC Fans and Blowers
PM033-115-8025B-4 PURDY-PM033-115-8025B-4 Datasheet
73Kb / 1P
   AC Fans and Blowers
PM080-115-1225BT-4 PURDY-PM080-115-1225BT-4 Datasheet
70Kb / 1P
   AC Fans and Blowers
PM037 PURDY-PM037 Datasheet
83Kb / 1P
   AC Fans and Blowers
PM033 PURDY-PM033 Datasheet
753Kb / 1P
   AC Fans and Blowers
PM238 PURDY-PM238 Datasheet
71Kb / 1P
   AC Fans and Blowers
PM053-115-1225BT-4 PURDY-PM053-115-1225BT-4 Datasheet
70Kb / 1P
   AC Fans and Blowers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com