Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74F377A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74F377A
Description  OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74F377A Datasheet(HTML) 3 Page - Texas Instruments

  SN74F377A Datasheet HTML 1Page - Texas Instruments SN74F377A Datasheet HTML 2Page - Texas Instruments SN74F377A Datasheet HTML 3Page - Texas Instruments SN74F377A Datasheet HTML 4Page - Texas Instruments SN74F377A Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN74F377A
OCTAL D-TYPE FLIP-FLOP
WITH CLOCK ENABLE
SDFS018D – D2932, MARCH 1987 – REVISED OCTOBER 1993
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–1
mA
IOL
Low-level output current
20
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
VCC = 4.5 V,
IOH = – 1 mA
2.5
3.4
V
VOH
VCC = 4.75 V,
IOH = – 1 mA
2.7
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.3
0.5
V
II
VCC = 0,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.6
mA
IOS‡
VCC = 5.5 V,
VO = 0
–60
– 150
mA
ICCH
VCC = 5.5 V,
See Note 2
55
72
mA
ICCL
VCC = 5.5 V,
See Note 3
70
90
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTES:
2. ICCH is measured after applying a momentary ground, then 4.5 V, to the clock input with all data inputs at 4.5 V and the enable input
at GND.
3. ICCL is measured after applying a momentary ground, then 4.5 V, to the clock input with all data and enable inputs at GND.
timing requirements
VCC = 5 V,
TA = 25°C
VCC = 4.5 V to 5.5 V,
TA = MIN to MAX§
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
110
0
110
MHz
tw
Pulse duration
4
5
ns
Data high or low
2
2
tsu
Setup time before CLK
CE high
2.5
2.5
ns
CE low
4
4.5
th
Hold time after CLK
Data high or low
1
1
ns
th
Hold time after CLK
CE high or low
0
0
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54FCT377Octal D-Type Flip-Flop with Clock Enable 1 2 3 4 5 MoreNational Semiconductor (TI)
DM74LS377Octal D-Type Flip-Flop with Common Enable and Clock 1 2 3 4 5 Fairchild Semiconductor
74ACT11377OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE 1 2 3 4 5 Texas Instruments
74ABT377Octal D-Type Flip-Flop with Clock Enable 1 2 3 4 5 MoreFairchild Semiconductor
54ABT377Octal D-Type Flip-Flop with Clock Enable 1 2 3 4 5 MoreNational Semiconductor (TI)
74AC377Octal D-Type Flip-Flop with Clock Enable 1 2 3 4 5 MoreFairchild Semiconductor
74F377Octal D-Type Flip-Flop with Clock Enable 1 2 3 4 5 MoreFairchild Semiconductor
54F377DMOctal D Flip-Flop with Clock Enable 1 2 3 4 5 MoreNational Semiconductor (TI)
SN54HCT377OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE 1 2 3 4 5 MoreTexas Instruments
CD74HC377High Speed CMOS Logic Octal D-Type Flip-Flop with Data Enable 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn