Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM037-115-8038BT-4 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part No. PM037-115-8038BT-4
Description  AC Fans and Blowers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PM037-115-8038BT-4 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  PM037-115-8038BT-4 Datasheet HTML 1Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
7/19/07
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com •
www.purdyelectronics.com
1
AC Fans and Blowers
PM037-115-8038BT-4
PM037-230-8038BT-4
Features
Size:
80 x 80 x 38 mm (3.2" x 3.2" x 1.5")
Airflow:
37 CFM
Weight:
293 grams (10 oz)
Noise:
39 dBA
Terminal:
0.120 inches
Impeller:
Reinforced Plastic (94V-0)
Frame:
Aluminum Alloy
Bearings:
Sealed Ball
Dimensions – inches mm
Air Flow vs Air Pressure
Airflow – CFM
.05
.10
.15
.20
60 Hz
50 Hz
010
20
30
40
Performance
*Measured 1 m from intake
Type
Rated
Voltage
(V)
Operating
Frequency
(Hz)
Input Power
(W)
(@ 60 Hz)
Max Air
Flow
(CFM)
Max Air
Pressure
(In H2O)
Noise*
(dBA)
Operating
Temperature
(°C)
Life
Expectancy
(Hr)
(@ 20 ±15°C)
PM037-115-8038BT-4
115
50/60
12
37
0.18
39
-20~ +85
60,000
PM037-230-8038BT-4
230
50/60
12
37
0.18
39
-20~ +85
60,000
UL
E101153
CUL
E101153
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HS-05D-4508S-4 DC Fans and Blowers 1  Purdy Electronics Corporation
PM033-115-8025B-4 AC Fans and Blowers 1  Purdy Electronics Corporation
74LCX162541 Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1  2  3  4  5  More STMicroelectronics
VKC03 Isolated and Regulated 3 WATT Modular DC/DC Converters 1  2  3  List of Unclassifed Manufacturers
SUF2001 Dual N and P-channel Trench MOSFET 1  2  3  4  5  More AUK corp
TMP421 ±1°C Remote and Local TEMPERATURE SENSOR in SOT23-8 1  2  3  4  5  More Burr-Brown (TI)
ACPF-7003 High Rx and Image Rejection Tx Filter for US PCS Band 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
KK74AC651 Octal 3-State Bus Transceivers and D Flip-Flops High-Speed Silicon-Gate CMOS 1  2  3  4  5  More KODENSHI KOREA CORP.
KK74VHCT74 Dual D Flip-Flop with Set and Reset 1  2  3  4  5  More KODENSHI KOREA CORP.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn