Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM033-115-8025B-4 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part No. PM033-115-8025B-4
Description  AC Fans and Blowers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PM033-115-8025B-4 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  PM033-115-8025B-4 Datasheet HTML 1Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
3/2/09
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com •
www.purdyelectronics.com
1
AC Fans and Blowers
PM033-115-8025B-4
PM033-230-8025B-4
Features
Size:
80 x 80 x 25 mm (3.2" x 3.2" x 1.0")
Airflow:
33 CFM
Weight:
227 grams (8 oz)
Noise:
33 dBA
Lead Wire:
AWG22
Impeller:
Reinforced Plastic (94V-0)
Frame:
Aluminum Alloy
Bearings:
Sealed Ball
Dimensions – inches mm
.169
±.010
(4.3
±0.25)
2.815
±.012
(71.5
±0.3)
3.150
±.020
(80.0
±0.5)
.118
±.012
(3.0
±0.3)
.118
±.012
(3.0
±0.3)
Air
Flow
.984
±.020
(25.0
±0.5)
Air Flow vs Air Pressure
Airflow – CFM
.05
.10
.15
.20
.25
50 Hz
60 Hz
0
10
20
30
40
50
Performance
*Measured 1 m from intake
Type
Rated
Voltage
(V)
Operating
Frequency
(Hz)
Input Power
(W)
(@ 60 Hz)
Max Air
Flow
(CFM)
Max Air
Pressure
(In H2O)
Noise*
(dBA)
Operating
Temperature
(°C)
Life
Expectancy
(Hr)
(@ 20 ±15°C)
PM033-115-8025B-4
115
50/60
10
33
0.18
33
-20~ +85
60,000
PM033-230-8025B-4
230
50/60
10
33
0.18
33
-20~ +85
60,000
UL
E101153
CUL
E10115
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn