Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC-TFT-35PA Datasheet(PDF) 3 Page - Purdy Electronics Corporation

Part # PC-TFT-35PA
Description  Interface Board
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PC-TFT-35PA Datasheet(HTML) 3 Page - Purdy Electronics Corporation

  PC-TFT-35PA Datasheet HTML 1Page - Purdy Electronics Corporation PC-TFT-35PA Datasheet HTML 2Page - Purdy Electronics Corporation PC-TFT-35PA Datasheet HTML 3Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PC-TFT-35PA
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
1/28/08
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
3
www.purdyelectronics.com
Note1 : The +5V power supply external control circuit.(Max. output is 5mA)
Note2 : The TINT is only operating in NTSC system.
Note3 : The output High level for NTSC mode and Low level for PAL mode.
Note4 : Default is reversed scanning(High) and Low is for normal scanning.
Please do force this pin to ground for normal scan.
Pin Assignment of Signal Input (pitch 1.25mm, side entry type)
Pin No
Symbol
I/O
Description
Remark
1
Vin
I
+12V Voltage DC Input
2
GND
I
Power Ground
3
GND
I
Power Ground
4
GND
I
Signal Ground
5
Video in
I
Video Input
6
+5V
O
+5V Voltage DC Output
Note 1
7
Bright
I
Brightness Control
8
Contrast
I
Contrast Control
9
Color
I
Color Control
10
Tint
I
Tint Control
Note 2
11
NTSC / PAL
O
Auto detect system output
Note 3
12
Left / Right
I
Left / Right Reverse
Note 4
13
Up / Down
I
Up / Down Reverse
Note 4
14
GND
I
Power Ground
Output For LCD Panel Backlight
Pin No
Symbol
I/O
Description
Remark
1
HV+
O
High Voltage Terminal for Backlight
Connect to Pink Wire
2
HV-
Return Terminal for Backlight
Connect to White Wire
Panel Backlight Data
Parameter
Symbol
Min
Typ
Max
Unit
Remark
Lamp Voltage
VL
265
Vrms
IL = 3mA
Lamp Current
IL
3
mArms
Brightness
200
250
cd/m2
Inverter Data (Ta=25ºC @+12V)
Parameter
Symbol
Min
Typ
Max
Unit
Remark
Lamp Voltage
VL
TBD
Vrms
IL = mA
Lamp Current
IL
TBD
mArms


Similar Part No. - PC-TFT-35PA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PC-TFT-35VX PURDY-PC-TFT-35VX Datasheet
505Kb / 6P
   Interface Board
PC-TFT-35XS PURDY-PC-TFT-35XS Datasheet
169Kb / 4P
   Interface Board
PC-TFT-35XS-LED PURDY-PC-TFT-35XS-LED Datasheet
166Kb / 4P
   Interface Board
More results

Similar Description - PC-TFT-35PA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PC-TFT-35XS-LED PURDY-PC-TFT-35XS-LED Datasheet
166Kb / 4P
   Interface Board
PC-TFT-64PA PURDY-PC-TFT-64PA Datasheet
417Kb / 5P
   Interface Board
PC-TFT-25XS PURDY-PC-TFT-25XS Datasheet
184Kb / 5P
   Interface Board
PC-TFT-35VX PURDY-PC-TFT-35VX Datasheet
505Kb / 6P
   Interface Board
PC-TFT-050VL PURDY-PC-TFT-050VL Datasheet
246Kb / 3P
   Interface Board
PC-TFT-35XS PURDY-PC-TFT-35XS Datasheet
169Kb / 4P
   Interface Board
PC-TFT-20TD PURDY-PC-TFT-20TD Datasheet
141Kb / 3P
   Interface Board
PC-TFT-050VL-LED PURDY-PC-TFT-050VL-LED Datasheet
246Kb / 3P
   Interface Board
PC-TFT-2535PA-LED PURDY-PC-TFT-2535PA-LED Datasheet
304Kb / 4P
   Interface Board
PC-TFT-5VX PURDY-PC-TFT-5VX Datasheet
426Kb / 3P
   Interface Board
PC-TFT-8PA PURDY-PC-TFT-8PA Datasheet
247Kb / 3P
   Interface Board
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com