Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGX-1505FB220A240A40ZL Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # SGX-1505FB220A240A40ZL
Description  ?쏦OCKEY PUCK??SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

SGX-1505FB220A240A40ZL Datasheet(HTML) 1 Page - American Zettler, Inc.

  SGX-1505FB220A240A40ZL Datasheet HTML 1Page - American Zettler, Inc. SGX-1505FB220A240A40ZL Datasheet HTML 2Page - American Zettler, Inc. SGX-1505FB220A240A40ZL Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SGX-1505FB
1/13/06W
“HOCKEY PUCK”
SOLID STATE RELAY
10 THRU 40 AMPS
48 TO 380 VRMS
FEATURES
• Photo isolation
• Up to 800V blocking voltage
• Both “Zero Voltage” and phase controllable
“Random” Switching versions
• High surge capability
• Built-in snubber
• UL, CUR file E43203
• Triac Output Circuitry
Random Turn On (DC input): 1 ms
Zero Cross Turn On (DC input): 1/2 cycles + 1 ms
AC Input: 20 ms
DC Input: 1/2 cycle + 1 ms
AC Input: 40 ms
INPUT
Type
DC Input
24 VAC
110 VAC
220 VAC
Control Voltage Range
3 to 32 VDC
19.2 to 28.8 VAC
85 to 132 VAC
175 to 264 VAC
Turn On Voltage
3 VDC Max
19.2 VAC Max.
85 VAC Max.
175 VAC Max.
Turn Off Voltage
1 VDC Min.
2 VAC Min.
10 VAC Min.
10 VAC Min.
Max. Input Current
25 mA
15 mA
15 mA
15 mA
Max. Reverse Voltage
-32 VDC
-
-
-
OUTPUT
Type
240
380
480
Output Voltage Range
48 to 264 VAC
48 to 380 VAC
48 to 530 VAC
Blocking Voltage
600 Vpk
800 Vpk
1200 Vpk
Max. Leakage Current (off)
5 mA
5 mA
5 mA
Max. Voltage Drop (at rated current)
1.5 VRMS
Max. Turn-On Time
Max. Turn-Off Time
Min. Off-State (dv/dt)
200 V/us
Min. Power Factor
0.5
GENERAL
Dielectric Strength
4000 Vrms min. (at 50/60 Hz, 1 min.)
Insulation Resistance
1000 Min. (at 500 VDC)
Max. Capacitance (in/out)
8 pf
Ambient Temperature
Operating: -30°C (-22°F) to 80°C (176°F)
Storage: -30°C (122°F) to 100°C (212°F)
Panel Mount
Termination
Screw
Weight
88g


Similar Part No. - SGX-1505FB220A240A40ZL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGX-1920 ETC2-SGX-1920 Datasheet
2Mb / 2P
   High Definition LCD Controller Board
SGX-1920L ETC2-SGX-1920L Datasheet
1Mb / 3P
   High Resolution LCD Controller Board
More results

Similar Description - SGX-1505FB220A240A40ZL

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
SG-34F AZETTLER-SG-34F Datasheet
387Kb / 3P
   ?쏦OCKEY PUCK??SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS
SGX-41F AZETTLER-SGX-41F Datasheet
280Kb / 3P
   SOLID STATE RELAY 4 AMPS 48 TO 400 VRMS
logo
Tyco Electronics
2-1393030-0 MACOM-2-1393030-0 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-2 MACOM-2-1393030-2 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-9 MACOM-2-1393030-9 Datasheet
120Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Paired SCR Output
2-1393030-1 MACOM-2-1393030-1 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
logo
American Zettler, Inc.
SG-24F AZETTLER-SG-24F Datasheet
374Kb / 3P
   THREE PHASE SOLID STATE RELAY 10 THRU 25 AMPS 36 TO 440 VRMS
logo
TE Connectivity Ltd
SSRDC TEC-SSRDC Datasheet
244Kb / 2P
   DC Load Solid State Relay Hockey Puck
logo
Tyco Electronics
SSRT-240D25 MACOM-SSRT-240D25 Datasheet
210Kb / 2P
   Hockey Puck Solid State Relay With Snubberless Triac Output
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com