Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-34FA240A60PSL Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # SG-34FA240A60PSL
Description  ?쏦OCKEY PUCK??SOLID STATE RELAY 40 THRU 80 AMPS 48 TO 530 VRMS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

SG-34FA240A60PSL Datasheet(HTML) 1 Page - American Zettler, Inc.

  SG-34FA240A60PSL Datasheet HTML 1Page - American Zettler, Inc. SG-34FA240A60PSL Datasheet HTML 2Page - American Zettler, Inc. SG-34FA240A60PSL Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INPUT
Type
DC Input
AC Input
Control Voltage Range
3 to 32 VDC
90 to 280 VAC
Turn On Voltage
3 VDC max.
90 VAC max.
Turn Off Voltage
1 VDC min.
10 VAC min.
Max. Input Current
25 mA at 32 VDC
-
Max. Reverse Voltage
-32 VDC
-
OUTPUT
Type
240
380
480
Output Voltage Range
48 to 280 VAC
48 to 400 VAC
48 to 530 VAC
Blocking Voltage
600 Vpk
800 Vpk
1200 Vpk
Max. Leakage Current (off)
5 mA
5 mA
5 mA
Max. Voltage Drop (at rated current)
1.7 VRMS
Max. Turn-On Time
Max. Turn-Off Time
Min. Off-State (dv/dt)
500 V/us
GENERAL
Dielectric Strength
4000 Vrms min. (at 50/60 Hz, 1 min.)
Insulation Resistance
1000 Min. (at 500 VDC)
Max. Capacitance (in/out)
8 pf
Ambient Temperature
Operating: -30°C (-22°F) to 80°C (176°F)
Storage: -30°C (122°F) to 100°C (212°F)
Panel Mount
Termination
Screw
Weight
88g
SG-34F
7/16/08W
“HOCKEY PUCK”
SOLID STATE RELAY
40 THRU 80 AMPS
48 TO 530 VRMS
FEATURES
• Photo isolation
• Up to 1200V blocking voltage
• Both zero cross or random turn-on
• High surge capability
• Built-in snubber
• UL, CUR file E43203
• SCR Output Circuitry
Random Turn On (DC input): 1 ms
Zero Cross Turn On (DC input): 1/2 cycles + 1 ms
AC Input: 20 ms
DC Input: 1/2 cycle + 1 ms
AC Input: 40 ms


Similar Part No. - SG-34FA240A60PSL

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-302 KODENSHI-SG-302 Datasheet
194Kb / 2P
   Tilt Sensor
logo
Epson Company
SG-3030CM EPSON-SG-3030CM Datasheet
401Kb / 2P
   CRYSTAL OSCILLATOR (SPXO)
logo
Epson ToYoCom
SG-3030JC EPSONTOYOCOM-SG-3030JC Datasheet
352Kb / 2P
   CRYSTAL OSCILLATOR
SG-3030JC EPSONTOYOCOM-SG-3030JC Datasheet
215Kb / 1P
   CRYSTAL OSCILLATOR 32.768 kHz
SG-3030JF EPSONTOYOCOM-SG-3030JF Datasheet
352Kb / 2P
   CRYSTAL OSCILLATOR
More results

Similar Description - SG-34FA240A60PSL

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
SGX-1505FB AZETTLER-SGX-1505FB Datasheet
338Kb / 3P
   ?쏦OCKEY PUCK??SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS
SGX-41F AZETTLER-SGX-41F Datasheet
280Kb / 3P
   SOLID STATE RELAY 4 AMPS 48 TO 400 VRMS
logo
Tyco Electronics
2-1393030-0 MACOM-2-1393030-0 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-2 MACOM-2-1393030-2 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
2-1393030-9 MACOM-2-1393030-9 Datasheet
120Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Paired SCR Output
2-1393030-1 MACOM-2-1393030-1 Datasheet
210Kb / 2P
   ?쏦ockey Puck??Solid State Relay With Snubberless Triac Output
logo
American Zettler, Inc.
SG-24F AZETTLER-SG-24F Datasheet
374Kb / 3P
   THREE PHASE SOLID STATE RELAY 10 THRU 25 AMPS 36 TO 440 VRMS
logo
TE Connectivity Ltd
SSRDC TEC-SSRDC Datasheet
244Kb / 2P
   DC Load Solid State Relay Hockey Puck
logo
Tyco Electronics
SSRT-240D25 MACOM-SSRT-240D25 Datasheet
210Kb / 2P
   Hockey Puck Solid State Relay With Snubberless Triac Output
logo
Intel Corporation
530 INTEL-530 Datasheet
481Kb / 27P
   Intel짰 Solid-State Drive 530 Series (2.5-inch)
April 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com