Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

34690-0200 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 34690-0200
Description  Stac64™ 2.54mm (.100”) Single, Multi-Pockect and Hybrid Header System
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

34690-0200 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  34690-0200 Datasheet HTML 1Page - Molex Electronics Ltd. 34690-0200 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
Electronic device requirements for today’s vehicles are
rapidly expanding. The Molex 2.54mm (.100”) pitch
header system allows OEMs and device manufacturers
greater design flexibility. The Stac64™ system allows
automotive manufacturers the ability to use header
assemblies as stand-alone components as well as
the option to gang individual headers into a larger
header assembly.
The Stac64 system is based on USCAR-2 Class II
mechanical and electrical requirements for unsealed
0.64mm (.025”) blade-width terminal applications.
Stac64 pockets mate to existing wire harness
connectors designed to this industry footprint.
Stac64™ 2.54mm (.100”)
Single, Multi-Pockect
and Hybrid Header System
SPECIFICATIONS
High-temperature thermoplastic housing withstands
lead-free processing per Molex ES40000-5013
Vertical and right-angle 20-circuit headers feature
4 polarization options with each option being color
coded per USCAR specifications to match harness/
connector color-coding scheme for visual aid
during assembly
8, 12 and 16-circuit right angle and vertical,
0.64mm (.025”) headers available in polarization
style A providing flexibility to mix and match circuit
sizes for specific application requirements
Modular housing design supports single and multi-
pockets applications
Pre-assembled PC tail with mylar alignment plate
ensures proper PCB installation
Unique power hybrid pocket design supports
industry standard 1.50 and 2.80mm (.059 and
.110”) blade-width terminals
USCAR approved Category 0, tin-plated pins to meet
mechanical and electrical requirments of USCAR-2
Class II applications
Operating temperature of -40 to 100°C
Product Specs available: 34691-1000 and
34696-1000
Features and Benefits
Single and Multi-Pocket Header System
High-temperature thermoplastic housing withstands
lead-free processing per Molex ES40000-5013
Six 1.50mm (.059”) terminals and four 2.80mm
(.110”) terminals in one header package meets
high-power contact requirements for Category 2
and Category 3 terminal systems
Modular housing design allows for packaging
with 0.64mm (.025”) headers to build power
and signal interface
Smaller footprint than industry standard 1.50mm
and 2.80mm (.059 and .110”) PCB headers for
module and PCB space savings
1.50mm (.059”) blades rated for 15.0A and
2.80mm (.110”) rated for 25.0A meeting USCAR-2
blade terminal load requirements
Features and Benefits
Hybrid Assemblies
Reference Information
Packaging: Trays or tubes
Mates With: 31408 0.64mm (.025”) receptacle
31372 hybrid receptacle
Designed In: Millimeters
Electrical
Voltage: 250V
Current: 0.64mm (.025”) terminals -5.0A
1.50mm (.059”) terminals -15.0A
2.80mm (.110”) terminals -25.0A
Dielectric Withstanding Voltage: 500V
Insulation Resistance: 20 Megohms min.
Mechanical
Mate force: 75N per pocket max.
Unmating Mate force: 75N per pocket max.
Connector Lock Strength: 110N min.
Terminal Retention in Header:
0.64mm (.025”) terminals - 30N
1.50mm (.059”) terminals - 70N
2.80mm (.110”) terminals - 70N
Physical
Terminal Pitch: 2.54mm (.100”), horizontal and
vertical for 0.64mm (.025”) pockets
Housing: 30% glass-filled SPS
Contact: Copper alloy
Plating: Overall – 100% pure tin, lead-free
Underplating – Nickel
Operating Temperature: USCAR Class II
-40 to +100°C


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn