Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74552-0001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74552-0001
Description  1.85mm by 1.85mm (.073??by .073?? GbX* Cable Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74552-0001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74552-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 74552-0001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our website at www.molex.com/product/gbx_ca.html
Order No. USA-344
Printed in USA/JI/2006.04
©2006, Molex
1.85mm by 1.85mm
(.073” by .073”)
GbX* Cable Assembly
74552 4-Pair Configuration
ORDERING INFORMATION
Networking equipment
- Storage racks
- High-end servers
Telecommunications
- Edge routers
- Switches
- Digital cross connects
Automated test equipment
- Integrated chips
- Memory and diagnostic testers
Supercomputers and high-end data equipment
- Server farms
Cable Assembly Order Number Supplied as Example Only
Order No.
Component
Wafer Configuration
Cable Length
74552-0001
GbX Cable Assembly
4 pair
1.00m (3.28’)
GbX cables only sold as terminated cable assemblies. Part numbers and sales drawings will be established based on specific customer design requirements.
Cable Length: Dependent upon customer design. Contact Molex with specific requirements.
GbX Right-Angle Male Connector Series Number Supplied as Example Only
Order No.
Component
Wafer Configuration
75717-XXXX
GbX Right-Angle Male Connector
4 pair
GbX right-angle male connectors sold as customized assemblies. Part numbers and sales drawings will be established based on specific customer design requirements.
GbX Standard 4-Pair Headers
Order No.
Modularity
Header
Circuits
Tooling Order No.
75235-0104
10-Column
Open
80
62202-2000
75235-0204
25-Column
Open
200
62202-2020
75235-2104
10-Column
Left Guide
80
62202-2000
75235-2204
25-Column
Left Guide
200
62202-2020
75235-4104
10-Column
Right Guide
80
62202-2000
75235-4204
25-Column
Right Guide
200
62202-2020
Internal Backplane - GbX
External Backplane - GbX
GbX Input/Output
Cable Connector
GbX Cable Connector
*GbX is a registered trademark of Amphenol, Corp.


Similar Part No. - 74552-0001

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
7455 FESTO-7455 Datasheet
69Kb / 1P
   Dynamic pressure transducer
logo
Myrra
74550 MYRRA-74550 Datasheet
97Kb / 1P
   CURRENT TRANSFORMERS
logo
Tyco Electronics
745508-1 MACOM-745508-1 Datasheet
30Kb / 1P
   FERRULE, CABLE, CLAMP SPLIT RING
745508-2 MACOM-745508-2 Datasheet
30Kb / 1P
   FERRULE, CABLE, CLAMP SPLIT RING
745508-3 MACOM-745508-3 Datasheet
30Kb / 1P
   FERRULE, CABLE, CLAMP SPLIT RING
More results

Similar Description - 74552-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0754334204 MOLEX9-0754334204 Datasheet
249Kb / 3P
   1.85mm by 1.85mm (.073 by .073
0754332214 MOLEX9-0754332214 Datasheet
242Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System
0754654204 MOLEX9-0754654204 Datasheet
320Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4-Pair GbX Backplane L-Series Connector System
0758540504 MOLEX9-0758540504 Datasheet
235Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4-Pair GbX Backplane L-Series Connector System
0756490105 MOLEX9-0756490105 Datasheet
224Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 3-Pair GbX Backplane L-Series Connector System
0752350705 MOLEX9-0752350705 Datasheet
262Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
0754330105 MOLEX9-0754330105 Datasheet
255Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System, Open Header
0758384104 MOLEX9-0758384104 Datasheet
273Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
0754921077 MOLEX9-0754921077 Datasheet
331Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 2-Pair GbX Backplane Connector System, Power Module
0753417776 MOLEX9-0753417776 Datasheet
315Kb / 6P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com