Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBTLV3125NSR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74CBTLV3125NSR
Description  LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3125NSR Datasheet(HTML) 3 Page - Texas Instruments

  SN74CBTLV3125NSR Datasheet HTML 1Page - Texas Instruments SN74CBTLV3125NSR Datasheet HTML 2Page - Texas Instruments SN74CBTLV3125NSR Datasheet HTML 3Page - Texas Instruments SN74CBTLV3125NSR Datasheet HTML 4Page - Texas Instruments SN74CBTLV3125NSR Datasheet HTML 5Page - Texas Instruments SN74CBTLV3125NSR Datasheet HTML 6Page - Texas Instruments SN74CBTLV3125NSR Datasheet HTML 7Page - Texas Instruments SN74CBTLV3125NSR Datasheet HTML 8Page - Texas Instruments SN74CBTLV3125NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SN74CBTLV3125
LOW VOLTAGE QUADRUPLE FET BUS SWITCH
SCDS037J − DECEMBER 1997 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI/O < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): DBQ package
90
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): DGV package
127
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 2): PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): RGY package
47
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
3. The package thermal impedance is calculated in accordance with JESD 51-5.
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VIH
High-level control input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VIH
High-level control input voltage
VCC = 2.7 V to 3.6 V
2
V
VIL
Low-level control input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VIL
Low-level control input voltage
VCC = 2.7 V to 3.6 V
0.8
V
TA
Operating free-air temperature
−40
85
°C
NOTE 4: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74CBTLV3125NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3125NSR TI-SN74CBTLV3125NSR Datasheet
824Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125NSR TI-SN74CBTLV3125NSR Datasheet
853Kb / 18P
[Old version datasheet]   LOW - voltage quadruple fet bus switch
SN74CBTLV3125NSR TI-SN74CBTLV3125NSR Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125NSR TI-SN74CBTLV3125NSR Datasheet
788Kb / 20P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE GET BUS SWITCH
SN74CBTLV3125NSRE4 TI-SN74CBTLV3125NSRE4 Datasheet
853Kb / 18P
[Old version datasheet]   LOW - voltage quadruple fet bus switch
More results

Similar Description - SN74CBTLV3125NSR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126 Datasheet
211Kb / 7P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125 TI-SN74CBTLV3125_07 Datasheet
824Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_10 Datasheet
685Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126_15 Datasheet
219Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125_09 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125_15 Datasheet
217Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3215 TI-SN74CBTLV3215 Datasheet
853Kb / 18P
[Old version datasheet]   LOW - voltage quadruple fet bus switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com