Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45280-2403 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 45280-2403
Description  3.00mm (.118?? Pitch Micro-Fit 3.0, CPI??Micro-Fit 3.0, BMI??CPI Vertical Headers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

45280-2403 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  45280-2403 Datasheet HTML 1Page - Molex Electronics Ltd. 45280-2403 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
3.00mm (.118”) Pitch
Micro-Fit 3.0, CPI™
Micro-Fit 3.0, BMI™ CPI
Vertical Headers
Micro-Fit 3.0 Family Offers Press-Fit Headers For High-Density
Power and Signal Applications
The Micro-Fit 3.0, CPI (Compliant Pin Interface) and Micro-Fit 3.0, BMI CPI
(Blind-Mate version with Compliant Pin Interface) are vertical header product
extensions featuring press-fit PC tails. These headers are designed for high-
density applications where press-fit terminations are required. The CPI products
are appropriate for both power and signal uses as they can carry up to 5.0A of
current per circuit.
The standard Micro-Fit 3.0, CPI headers incorporate a compact housing that
mates with standard wire-mount housings and crimp terminals for wire-to-board
applications.
The Micro-Fit 3.0, BMI CPI headers feature a funnel entry to guide the mating
receptacle into place. Micro-Fit 3.0, BMI headers mate exclusively with BMI
components, which include panel-mount receptacles with crimp terminals and
PCB receptacles for wire-to-board and board-to-board applications.
Features and Benefits
CPI style (press-fit) pins require no soldering to the PCB
Designed for multiple board thicknesses of 2.36mm (.093”) or greater
Dual-row vertical headers available in 2-24 circuits for the standard version
and 4-24 circuits for the BMI (blind-mate) version
Rated up to 5.0A of current for both power and signal applications in wire-to-
board and board-to-board configurations
Fully polarized with positive locks for proper mating
Fully isolated contacts for electrical and mechanical integrity
Reference Information
Packaging:Tray
UL File No.: E29179
CSA File No.: LR19980
TUV No.: R95107
Designed In: Millimeters
Electrical
Voltage: 250V
Current: 5.0A
Contact Resistance: 10 milliohms max.
Dielectric Withstanding Voltage: 1500 VAC
Insulation Resistance: 1000 Megohms min.
Mechanical
Insertion Force to PCB: 35.6N (8.0lb) per circuit max.
Retention Force to PCB: 106.8N (24.0lb) per circuit min.
Mating Force: 8.0N (1.8lb) per circuit max.
Unmating Force: 3.6N (0.8lb) per circuit min.
Durability: 30 cycles
Physical
Housing: High-temperature polymer, UL 94V-0
Contact: Brass alloy
Plating:
Contact area – 5.1µm (200µ") min. Tin, 0.38µm (15µ”)
min. select Gold or 0.76µm (30µ”) min. select Gold
PC tails – Tin/Lead
Underplating: Nickel
PCB Thickness: 2.36mm (.093”) min.
Operating Temperature: -40 to +105° C


Similar Part No. - 45280-2403

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45280-2401 MOLEX6-45280-2401 Datasheet
193Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row
More results

Similar Description - 45280-2403

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0449142402 MOLEX6-0449142402 Datasheet
182Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 CPI??Header
0449142203 MOLEX6-0449142203 Datasheet
182Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 CPI??Header
0452801401 MOLEX6-0452801401 Datasheet
193Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI??Compliant Pin Header
62200-2700 MOLEX-62200-2700 Datasheet
189Kb / 4P
   Micro-Fit 3.0 BMI / CPI??Insertion Tool
04-04-14
0452800453 MOLEX6-0452800453 Datasheet
149Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface
0452801652 MOLEX6-0452801652 Datasheet
149Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
0452801802 MOLEX6-0452801802 Datasheet
190Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
0452800601 MOLEX6-0452800601 Datasheet
193Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
0452801803 MOLEX6-0452801803 Datasheet
190Kb / 4P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
0452800652 MOLEX6-0452800652 Datasheet
149Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com