Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

39170-1040 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. 39170-1040
Description  Interface Modules
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

39170-1040 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Female D-Sub Connector to Fixed 5.08mm (.200”) Terminal Block
Female D-Sub Connector to Pluggable 5.08mm (.200”) Terminal Block
ORDERING INFORMATION
Interface Modules
39170
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/tblocks.html
Order No. USA-316
Printed in USA/2.5K/JI/JI/2005.06
©2005 Molex
Circuits
Order No.
Dimensions
Ribbon-Cable Connector to Fixed Mount
5.08mm (.200”) Terminal Block
Ribbon-Cable Connector to Pluggable
5.08mm (.200”) Terminal Block
Length
14
39170-1014
39170-1114
50.80mm (2.000”)
16
39170-1016
39170-1116
53.30mm (2.100”)
20
39170-1020
39170-1120
61.00mm (2.400”)
26
39170-1026
39170-1126
76.20mm (3.000”)
34
39170-1034
39170-1134
95.00mm (3.740”)
40
39170-1040
39170-1140
111.50mm (4.390”)
50
39170-1050
39170-1150
135.60mm (5.340”)
Circuits
Order No.
Dimensions
Male-D Sub Connector to Fixed Mount
5.08mm (.200”) Terminal Block
Male-D Sub Connector to Pluggable
5.08mm (.200”) Terminal Block
Length
9
39170-2009
39170-2109
39.40mm (1.550”)
15
39170-2015
39170-2115
54.40mm (2.140”)
25
39170-2025
39170-2125
79.80mm (3.140”)
37
39170-2037
39170-2137
106.40mm (4.190”)
50
39170-2050
39170-2150
142.00mm (5.590”)
Circuits
Order No.
Dimensions
Female-D Sub Connector to Fixed Mount
5.08mm (.200”) Terminal Block
Female-D Sub Connector to Pluggable
5.08mm (.200”) Terminal Block
Length
9
39170-3009
39170-3109
39.40mm (1.550”)
15
39170-3015
39170-3115
54.40mm (2.140”)
25
39170-3025
39170-3125
79.80mm (3.140”)
37
39170-3037
39170-3137
106.40mm (4.190”)
50
39170-3050
39170-3150
142.00mm (5.590”)
Ribbon-Cable Connector to Fixed 5.08mm (.200”) Terminal Block
Ribbon-Cable Connector to Pluggable 5.08mm (.200”) Terminal Block
Male D-Sub Connector to Fixed 5.08mm (.200”) Terminal Block
Male D-Sub Connector to Pluggable 5.08mm (.200”) Terminal Block


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn